Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
ST8012
V1.6
29/47
2004/09/08
COMMANDS
The ST8012 identify the data bus signals by a combination of XCS, SDI, and SCLK signals.
<Example of Commands>
LCD Bias Set
This command selects the voltage bias ratio required for the liquid crystal display.
The D3 can select the Frame direction , if select ‘0’ is normal else select ‘1’ is reverse.
Select Status
D7
D6
D5
D4
D3
D2
D1
D0
1/120duty 1/112duty
1/96duty
1/80duty
1/64duty
1/48duty
1/32duty
1/11 bias 1/11 bias 1/10 bias
1/9 bias
1/9 bias
1/7 bias
1/6 bias
0
0
0
0
0
X
X
0
1
1/9 bias
1/9 bias
1/8 bias
1/7 bias
1/7 bias
1/5 bias
1/5 bias
1/11 bias 1/11 bias 1/10 bias
1/9 bias
1/9 bias
1/7 bias
1/6 bias
0
0
0
0
1
X
X
0
1
1/9 bias
1/9 bias
1/8 bias
1/7 bias
1/7 bias
1/5 bias
1/5 bias
Power Controller Set
This command sets the power supply circuit functions. See the function explanation in “The Power Supply Circuit,”
for details
D7
D6
D5
D4
D3
D2
D1
D0
Selected Mode
0
0
1
0
X
0
0
0
1
1
1
Booster circuit: OFF
Booster circuit: ON
V0 Voltage Regulator Internal Resistor Ratio Set
This command sets the V0 voltage regulator internal resistor ratio. For details, see the function explanation is “The
Voltage Regulator circuit " and table 7 .
D7
D6
D5
D4
D3
D2
D1
D0
Rb/Ra Ratio
0
1
0
0
X
0
0
0
0
0
1
0
1
0
↓
1
1
0
1
1
1
Small
↓
Large
The Electronic Volume
This command makes it possible to adjust the brightness of the liquid crystal display by controlling the LCD drive
voltage V0 through the output from the voltage regulator circuits of the internal liquid crystal power supply.
Electronic Volume Register Set
By using this command to set six bits of data to the electronic volume register, the liquid crystal drive voltage V5
assumes one of the 64 voltage levels. When this command is input, the electronic volume mode is released after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com