Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
ST8012
V1.6
25/47
2004/09/08
The Voltage Regulator Circuit
The step-up voltage generated at VOUT outputs the
LCD driver voltage V0 through the voltage regulator
circuit. Because the ST78012 chips have an internal
high-accuracy fixed voltage power supply with a
64-level electronic volume function and internal
resistors for the V0 voltage regulator, systems can be
constructed without having to include high-accuracy
voltage regulator circuit components.(VREG
thermal
gradients approximate -0.05%/°C)
(A) When the V0 Voltage Regulator Internal Resistors Are Used
Through the use of the V0 voltage regulator internal
resistors and the electronic volume function the liquid
crystal power supply voltage V0 can be controlled by
commands
alone
(without
adding
any
external
resistors), making it possible to adjust the liquid
crystal display brightness. The V0 voltage can be
calculated using equation A-1 over the range where
| V0 | < | VOUT|.
Figure 3
Rb
Ra
+
1
VEV
V0
Rb
Ra
+
1
1 -
α
200
VREG
∵ VEV
1 -
α
200
VREG
Internal Rb
Internal Ra
V
EV constant voltage supply+electronic volume
V0
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com