Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
ST8012
V1.6
32/47
2004/09/08
7. BSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
APPLICABLE PINS
RATING
UNIT
NOTE
Supply voltage (1)
VDD
VDD
-0.3~+5.5
V
V1
V1
VDD+
10~ VDD-0.3
V2
V2
VDD+
10~ VDD-0.3
V
V3
V3
-0.3~V5S
+10
V
Supply voltage (2)
V4
V4
-0.3~V5S
+10
V
Input voltage
VI
D14-DI0, XCK, LP, L/R, FR,
EIO1, EIO2,XDISPOFF,
-0.3 to VDD+0.3
V
1,2
Storage temperature
TSTG
-45 to +125
°C
NOTES:
1. TA = +25 °C
2. The maximum applicable voltage on any pin with respect to VSS (0 V).
8. RECOMMENDED OPERATING Conditions
PARAMETER
SYMBOL
APPLICABLE PINS
MIN.
TYP.
MAX.
UNIT
NOTE
Supply voltage (1)
VDD
VDD
+2.5
+5.5
V
Supply voltage (2)
V0
V0
+6.0
+16.0
V
1, 2
Operating temperature
TOPR
-20
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com