Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST8012 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ST
ST8012
Dot Matrix Lcd
120 Output LCD Common/Segment driver IC
Notice:
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.
This is not a final
specification. Some parameters are subject to change.
V1.6
1/ 47
2004/09/08
1. DESCRIPTION
The ST8012 is a 120-output segment/common driver
IC suitable for driving small/medium scale dot matrix
LCD panels, and is used in PDA or electronic dictionary.
The ST8012 is good as a segment driver or a common
driver or a common/segment driver, and it can create a
low power consuming, high-resolution LCD. The
ST8012 have eight modes can selected to set common
and segment numbers by select pin.
The ST8012
also have analog DC/DC converter to use.
2. FEATURES
Number of LCD drive outputs: 120
Supply voltage for LCD drive: Max +16V
Supply voltage for the logic system: +2.5 to +5.5 V
Low power consumption and low output impedance
Displa
y duty
select
able
by
select
pin
Low-power liquid crystal display power supply circuit
equipped internally.
Booster circuit (with Boost ratio of 2X/3X/4X/5X/6X)
Abundant command functions
LCD bias set, electronic volume, VSS voltage
regulation internal resistor ratio and booster
frequency.
All Functions have initial value, user can use the
default value or setting by programmable pin to set.
If select segment mode then except booster circuit
will opened others circuit (follower and regulator
circuit) will automatic closed.
When don’t used the serial interface, we can select
one of default modes by serial interface pins please
see Table5.
Package: 154-pin COB.
(Segment mode)
Shift clock frequency
- 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
- 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
- 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
Adopts a data bus system
4-bit parallel / serial input modes are selectable with a
mode (P/S) pin
Automatic transfer function of an enable signal
Automatic counting function which, in the chip
selection mode, causes the internal clock to be
stopped by automatically counting 88、72、56 、40、
24、8 or 120 bits of input data
Line latch circuits are reset when XDISPOFF active
(Common mode)
Shift clock frequency: 4 MHz (MAX.)
SEL2,SEL1,SEL0 DUTY
BIAS
0
0
0
---
Segment mode
0
0
1
1/32
1/6 or 1/5
0
1
0
1/48
1/7 or 1/5
0
1
1
1/64
1/9 or 1/7
1
0
0
1/80
1/9 or 1/7
1
0
1
1/96
1/10 or 1/8
1
1
0
1/112
1/11 or 1/9
1
1
1
1/120
1/11 or 1/9


Similar Part No. - ST8012

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
COM/SEG LCD Driver
More results

Similar Description - ST8012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
80 output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
IST3028 ETC1-IST3028 Datasheet
252Kb / 2P
120-output LCD Common Gate Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
96 Output LCD Common/ Segment Driver IC
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com