Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
ST8012
V1.6
12/47
2004/09/08
5.2
Functional Operations
TRUTH TABLE
(Segment Mode)
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL
(COMSEG0-COMSEG119)
L
L
H
V3
L
H
H
Vss
H
L
H
V2
H
H
H
V0
X
X
L
Vss
(Common Mode)
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL
(COMSEG0-COMSEG119)
L
L
H
V4
L
H
H
V0
H
L
H
V1
H
H
H
Vss
X
X
L
Vss
NOTES:
L : VSS (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
"Don't care" should be fixed to "H" or "L", avoiding floating.
There are two kinds of power supply (logic level voltage and LCD drive voltage) for the LCD driver.
Supply regular voltage that is assigned by specification for each power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com