Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
ST8012
V1.6
6/47
2004/09/08
INPUT/OUTPUT CIRCUITS
I
V D D
T o In te rn a l C irc u it
V s s (0 V )
A p p lic a b le P in s
L /R , D I3~ D I0 ,
X D IS P O F F , L P , F R , P /S
C S ,S ID ,S E L 2 ~ S E L 0
Input Circuit
V DD
I/O
To Internal
Circuit
Vss (0V)
Vss (0V)
Control Signal
Vss (0V)
VDD
Output Signal
Control Signal
Application Pins
EIO 1 , EIO 2
Input/Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com