Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 14 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 14 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
ST8012
V1.6
14/47
2004/09/08
MIX MODE(SEGMENT/ COMMON MODE)
When (SEL2,SEL1,SEL0)=(0,0,1)
SELECT THE 32 COM/88 SEGMENT MODE
THEN SEGMENT SIDE OF MIX MODE
(a)
4-bit Parallel Input Mode
NUMBER OF CLOCKS
L/R
EIO1
EIO2
DATA
INPUT 22 CLOCK 21 CLOCK
20 CLOCK … 3 CLOCK
2 CLOCK
1 CLOCK
DI0
COMSEG0
COMSEG4
COMSEG8 … COMSEG76 COMSEG80 COMSEG84
Dl1
COMSEG1
COMSEG5
COMSEG9 … COMSEG77 COMSEG81 COMSEG85
DI2
COMSEG2
COMSEG6 COMSEG10 … COMSEG78 COMSEG82 COMSEG86
L
Seg_end
Output
Com_FLM
Input
DI3
COMSEG3
COMSEG7
COMSEG11 … COMSEG79 COMSEG83 COMSEG87
DI0
COMSEG119 COMSEG115 COMSEG110 … COMSEG43 COMSEG39 COMSEG35
Dl1
COMSEG118 COMSEG114 COMSEG109 … COMSEG42 COMSEG38 COMSEG34
DI2
COMSEG117 COMSEG113 COMSEG108 … COMSEG41 COMSEG37 COMSEG33
H
Com_FLM
Input
Seg_end
Output
DI3
COMSEG116 COMSEG112 COMSEG107 … COMSEG40 COMSEG36 COMSEG32
(b)
Serial Input Mode
NUMBER OF CLOCKS
L/R
EIO1
EIO2
DATA
INPUT 88 CLOCK
87 CLOCK
86 CLOCK … 3 CLOCK
2 CLOCK
1 CLOCK
DI0
COMSEG0
COMSEG1
COMSEG2 … COMSEG85 COMSEG86 COMSEG87
Dl1
X
X
X
X
X
X
X
DI2
X
X
X
X
X
X
X
L
Seg_end
Output
Com_FLM
Input
DI3
X
X
X
X
X
X
X
DI0
COMSEG119 COMSEG118 COMSEG117 … COMSEG34 COMSEG33 COMSEG32
Dl1
X
X
X
X
X
X
X
DI2
X
X
X
X
X
X
X
H
Com_FLM
Input
Seg_end
Output
DI3
X
X
X
X
X
X
X
COMMON SIDE OF MIX MODE
L/R
DATA TRANSFER DIRECTION
EIO1
EIO2
L
COMSEG119 → COMSEG88
Seg_end output
Input
H
COMSEG0 → COMSEG31
Input
Seg_end output
NOTES:
L : VSS (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
"Don't care" should be fixed to "H" or "L", avoiding floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com