Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
ST8012
V1.6
22/47
2004/09/08
Table4
Use Settings
Com
/
Seg
D2
Voltage
booster
Voltage
regulator
Voltage
follower
External
voltage
input
Step-up
voltage
Only the internal power supply
is used
1
ON
ON
ON
VDD
Used
Only the voltage regulator
circuit and the voltage
follower circuit are used
Com
mode
/
Com/Seg
mode
0
OFF
ON
ON
VOUT, VDD
Open
Only the internal power supply
is used
1
ON
ON
ON
VDD
Used
Only the voltage regulator
circuit and the voltage
follower circuit are used
Seg
mode
0
OFF
ON
ON
VOUT, VDD
Open
Command interface unused mode (use the default value)
When command interface is unused. The CS,SCLK and SID signal can be fixed as the following mode
Table5
XCS
SCLK
SID
Booster
Regulator
Follower
H
X
X
Default register used (All Off)
L
H
H
OFF
ON
ON
L
L
H
ON
ON
ON
THE DEFAULT BIAS,CONTRAST CONTROL,Ra/Rb ratio and Boost Frequency is used when the above mode is
selected.
NOTE :If all of the Cs, SCLK and SID signals are set to low level. The default power control register will be used, the
power control of booster, regulator and follower will always be off.
PROGRAM NOTE: Do not toggle sclk or SID from low level while XCS signal is HIGHT.
Entry Standby mode: Entry standby must closed the AC circuit(BOOSTER) and /XDISPOFF also go to low
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com