Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
ST8012
V1.6
33/47
2004/09/08
9. ELECTRICAL CHARACTERISTICS
DC Characteristics
(Segment Mode)
(VSS = 0 V, VDD = +2.5 to +3.6 V, V0 = + 6.0 to +15.0 V, TOPR = -20 to +85°C)
PARAMETER
SYMBOL CONDITIONS
APPLICABLE PINS
MIN. TYP. MAX. UNIT NOTE
Input "Low" voltage
VIL
0.2VDD
V
Input "High" voltage
VIH
DI3-DI0, XCK, LP, L/R FR,
EIO1, EIO2,XDISPOFF
0.8VDD
V
Output "Low" voltage
VOL
IOL = +0.4 mA
+0.4
V
Output "High" voltage
VOH
IOH = -0.4 mA
EIO1, EIO2
VDD-0.4
V
ILIL
VI = VSS
-10
µA
Input leakage current
ILIH
VI = VDD
DI3-DI0, XCK, LP, LIR,
FR, EIO1, EIO2,
XDISPOFF
+10
µA
Output resistance
RON
|∆VON|
=0.5V
V0 = 15 V
Y1-Y120
1.5
2.0
k
Standby current
ISTB
VSS
5
µA
1
Supply current (1)
(Non-selection)
IDD1
VDD
2.0
mA
2
Supply current (2)
(Selection)
IDD2
VDD
7.0
mA
3
Supply current (3)
I0
V0, V0
0.9
mA
4
NOTES:
1. VDD = +3.0 V, V0 = +12.0 V
2. VDD = +3.0 V, V0 = +12.0 V, fXCK = 8 MHz, no-load, El = VDD. The input data is turned over by data taking clock (4-bit
parallel input mode).
3. VDD = +3.0 V, V0 = +12.0 V, fXCK = 8 MHz, no-load, El = VSS. The input data is turned over by data taking clock (4-bit
parallel input mode).
4. VDD = +3.0 V, V0 = +12.0 V, fXCK = 8MHz, fLP = 19.2 kHz, fFR = 80 Hz, no-load. The input data is turned over by data
taking clock (4-bit parallel input mode).
(Common Mode)
(VSS = 0 V, VDD = +2.5 to +3.6 V, V0 = +6.0 to +15.0 V, TOPR = -20 to +85 °C)
PARAMETER
SYMBOL
CONDITIONS
APPLICABL E PINS
MIN.
TYP. MAX. UNIT NOTE
Input "Low" voltage
VIL
0.2VDD
V
Input "High" voltage
VIH
DI4-DI0, XCK, LP, L/R
FR, P/S, DIX, EIO1,
EIO2, XDISPOFF
0.8VDD
V
Output "Low" voltage
VOL
IOL = +0.4 mA
+0.4
V
Output "High" voltage
VOH
IOH = -0.4 mA
EIO1, EIO2
VDD-0.4
V
ILIL
VI = VSS
DI4-DI0, XCK, LP, L/R
FR, P/S, DIX, EIO1,
EIO2, XDISPOFF
-10.0
µA
Input leakage current
ILIH
VI = VDD
DI4-DI0, LP, L/R, FR,
P/S, DIX, XDISPOFF
+10.0
µA
Input pull-down current
IPD
VI = VDD
XCK, EIO1, EIO2
100
µA
Output resistance
RON
|∆VON|
=0.5V V0 = 15 V
COMSEG0-
COMSEG119
1.5
2.0
k
Standby current
ISPD
VSS
5
µA
1
Supply current (1)
IDD
VDD
80
µA
2
Supply current (2)
I0
VO
130
µA
2
NOTES:
1. VDD = +3.0 V, V0 = +12.0 V,
2. VDD = +3.0 V, V0 = +12.0 V, fLP =19.2 kHz, fFR = 80 Hz, 1/240 duty operation, no-load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com