Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
ST8012
V1.6
11/47
2004/09/08
(common /segment mix mode)
ElO1, EIO2
Input/output pins for chip selection
AT common/segment mode:
When L/R input is at Vss level “L”, ElO1 is set output, and EIO2 is set for input.
ElO1 : segment chip enable output, as default segment is enabled internally and be non-selected
after 8,24,40,56,72 or 88 bits of data have been read. Depend on select mode.
ElO2 :common shift data input, no sift data output
When L/R input is at VDD level "H", ElO1 is set for input, and EIO2 is set for output.
ElO1 :common shift data, no shift data output
ElO2 : segment chip enable output, as default segment is enabled internally and be non-selected
after 8,24,40,56,72 or 88 bits of data have been read. Depend on select mode.
During output, set to "H" while LP • XCK is "H" and after 120 bits of data have been read, set
to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to "H".
During input, the chip is selected while El is set to "L" after the LP signal is input. The chip is
non-selected after 120 bits of data have been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com