Electronic Components Datasheet Search
  English  ▼

X  

ST8012 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
ST8012
V1.6
7/47
2004/09/08
5. FUNCTIONAL DESCRIPTION
5.1
Pin Functions
(Segment mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin, connected to +2.5 to +5.5 V.
VSS
Ground pin, connected to 0 V.
V0 V1
V2 V3
V4
This is a multi-level power supply for the liquid crystal drive. The voltage Supply applied is determined
by the liquid crystal cell, and is changed through the use of a resistive voltage divided or through
changing the impedance using an op. amp. Voltage levels are determined based on VSS, and must
maintain the relative magnitudes shown below.
V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧Vss
When the power supply turns ON, the internal power supply circuits produce the V1to V4voltages shown below.
The voltage settings are selected using the LCD bias set command.
1/120 Duty
1/112 Duty
1/96Duty
1/80Duty
1/64Duty
1/48 Duty
1/30 Duty
V4
1/11*V0 ,1/9*V0
1/11*V0, 1/9*V0
1/10*V0, 1/8*V0 1/9*V0, 1/7*V0 1/9*V0, 1/7*V0 1/7*V0, 1/5*V0 1/6*V0, 1/5*V0
V3
2/11*V0,1/9*V0
2/11*V0, 2/9*V0
2/10*V0, 2/8*V0 2/9*V0, 2/7*V0 2/9*V0, 2/7*V0 2/7*V0, 2/5*V0 2/6*V0, 2/5*V0
V2
9/11*V0, 7/9*V0
9/11*V0, 7/9*V0
8/10*V0, 6/8*V0 7/9*V0, 5/7*V0 7/9*V0, 5/7*V0 5/7*V0, 3/5*V0 4/6*V0, 3/5*V0
V1
10/11*V0,8/9*V0
10/11*V0,8/9*V0
9/10*V0, 7/8*V0 8/9*V0, 6/7*V0 8/9*V0, 6/7*V0 6/7*V0, 4/5*V0 5/6*V0, 4/5*V0
DI3-DI0
Input pins for display data
In 4-bit parallel input mode, input data into the 4 pins, DI3-DI0.
In serial input mode, input data into the 1 pin,DI0.
Connect DI3-DI1 to VSS .
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
XCK
Clock input pin for taking display data
* Data is read at the falling edge of the clock pulse.
XRST
System Reset pin .When low level active.
If not used the hardware reset, this pin must pull height.
The XRST L PULSE timing min value is 200us and max value is 0.5s
LP
Latch pulse input pin for display data
Data is latched at the falling edge of the clock pulse.
L/R
Input pin for selecting the reading direction of display data
When set to VSS level "L", data is read sequentially from COMSEG119 to COMSEG0.
When set to VDD level "H", data is read sequentially from COMSEG0 to COMSEG119.
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
XDISPOFF
Control input pin for output of non-select level
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and controls the
LCD drive circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com