Electronic Components Datasheet Search
  English  ▼

X  

LPC2364 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 20Page - NXP Semiconductors LPC2364 Datasheet HTML 21Page - NXP Semiconductors LPC2364 Datasheet HTML 22Page - NXP Semiconductors LPC2364 Datasheet HTML 23Page - NXP Semiconductors LPC2364 Datasheet HTML 24Page - NXP Semiconductors LPC2364 Datasheet HTML 25Page - NXP Semiconductors LPC2364 Datasheet HTML 26Page - NXP Semiconductors LPC2364 Datasheet HTML 27Page - NXP Semiconductors LPC2364 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
24 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
7.13 10-bit DAC
The DAC allows the LPC2364/65/66/67/68 to generate a variable analog output. The
maximum output value of the DAC is Vi(VREF).
7.13.1 Features
• 10-bit DAC
• Resistor string architecture
• Buffered output
• Power-down mode
• Selectable output drive
7.14 UARTs
The LPC2364/65/66/67/68 each contain four UARTs. In addition to standard transmit and
receive data lines, UART1 also provides a full modem control handshake interface.
The UARTs include a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.14.1 Features
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• Fractional divider for baud rate control, auto baud capabilities and FIFO control
mechanism that enables software flow control implementation.
• UART1 equipped with standard modem interface signals. This module also provides
full support for hardware flow control (auto-CTS/RTS).
• UART3 includes an IrDA mode to support infrared communication.
7.15 SPI serial I/O controller
The LPC2364/65/66/67/68 each contain one SPI controller. SPI is a full duplex serial
interface designed to handle multiple masters and slaves connected to a given bus. Only
a single master and a single slave can communicate on the interface during a given data
transfer. During a data transfer the master always sends 8 bits to 16 bits of data to the
slave, and the slave always sends 8 bits to 16 bits of data to the master.
7.15.1 Features
• Compliant with SPI specification
• Synchronous, serial, full duplex communication
• Combined SPI master and slave
• Maximum data bit rate of one eighth of the input clock rate
• 8 bits to 16 bits per transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com