Electronic Components Datasheet Search
  English  ▼

X  

LPC2364 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 21Page - NXP Semiconductors LPC2364 Datasheet HTML 22Page - NXP Semiconductors LPC2364 Datasheet HTML 23Page - NXP Semiconductors LPC2364 Datasheet HTML 24Page - NXP Semiconductors LPC2364 Datasheet HTML 25Page - NXP Semiconductors LPC2364 Datasheet HTML 26Page - NXP Semiconductors LPC2364 Datasheet HTML 27Page - NXP Semiconductors LPC2364 Datasheet HTML 28Page - NXP Semiconductors LPC2364 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
25 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
7.16 SSP serial I/O controller
The LPC2364/65/66/67/68 each contain two SSP controllers. The SSP controller is
capable of operation on a SPI, 4-wire SSI, or Microwire bus. It can interact with multiple
masters and slaves on the bus. Only a single master and a single slave can communicate
on the bus during a given data transfer. The SSP supports full duplex transfers, with
frames of 4 bits to 16 bits of data flowing from the master to the slave and from the slave
to the master. In practice, often only one of these data flows carries meaningful data.
7.16.1 Features
• Compatible with Motorola SPI, 4-wire Texas Instruments SSI, and National
Semiconductor Microwire buses
• Synchronous serial communication
• Master or slave operation
• 8-frame FIFOs for both transmit and receive
• 4-bit to 16-bit frame
• DMA transfers supported by GPDMA
7.17 SD/MMC card interface (LPC2367/68 only)
The Secure Digital and Multimedia Card Interface (MCI) allows access to external SD
memory cards. The SD card interface conforms to the SD Multimedia Card Specification
Version 2.11.
7.17.1 Features
• The MCI interface provides all functions specific to the SD/MMC memory card. These
include the clock generation unit, power management control, and command and data
transfer.
• Conforms to Multimedia Card Specification v2.11.
• Conforms to Secure Digital Memory Card Physical Layer Specification, v0.96.
• Can be used as a multimedia card bus or a secure digital memory card bus host. The
SD/MMC can be connected to several multimedia cards or a single secure digital
memory card.
• DMA supported through the GPDMA controller.
7.18 I2C-bus serial I/O controllers
The LPC2364/65/66/67/68 each contain three I2C-bus controllers.
The I2C-bus is bidirectional, for inter-IC control using only two wires: a serial clock line
(SCL), and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver) or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus, it can be
controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2364/65/66/67/68 supports bit rates up to 400 kbit/s
(Fast I2C-bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com