Electronic Components Datasheet Search
  English  ▼

X  

LPC2364 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 6Page - NXP Semiconductors LPC2364 Datasheet HTML 7Page - NXP Semiconductors LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors LPC2364 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
10 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
P0[18]/DCD1/
MOSI0/MOSI
60[1]
F6[1]
I/O
P0[18] — General purpose digital input/output pin.
I
DCD1 — Data Carrier Detect input for UART1.
I/O
MOSI0 — Master Out Slave In for SSP0.
I/O
MOSI — Master Out Slave In for SPI.
P0[19]/DSR1/
MCICLK/SDA1
59[1]
G10[1]
I/O
P0[19] — General purpose digital input/output pin.
I
DSR1 — Data Set Ready input for UART1.
O
MCICLK — Clock output line for SD/MMC interface. (LPC2367/68 only)
I/O
SDA1 — I2C1 data input/output (this is not an open-drain pin).
P0[20]/DTR1/
MCICMD/SCL1
58[1]
G9[1]
I/O
P0[20] — General purpose digital input/output pin.
O
DTR1 — Data Terminal Ready output for UART1.
I
MCICMD — Command line for SD/MMC interface. (LPC2367/68 only)
I/O
SCL1 — I2C1 clock input/output (this is not an open-drain pin).
P0[21]/RI1/
MCIPWR/RD1
57[1]
G8[1]
I/O
P0[21] — General purpose digital input/output pin.
I
RI1 — Ring Indicator input for UART1.
O
MCIPWR — Power Supply Enable for external SD/MMC power supply.
(LPC2367/68 only)
I
RD1 — CAN1 receiver input. (LPC2364/66/68 only)
P0[22]/RTS1/
MCIDAT0/TD1
56[1]
H10[1]
I/O
P0[22] — General purpose digital input/output pin.
O
RTS1 — Request to Send output for UART1.
O
MCIDAT0 — Data line for SD/MMC interface. (LPC2367/68 only)
O
TD1 — CAN1 transmitter output. (LPC2364/66/68 only)
P0[23]/AD0[0]/
I2SRX_CLK/
CAP3[0]
9[2]
E5[2]
I/O
P0[23] — General purpose digital input/output pin.
I
AD0[0] — A/D converter 0, input 0.
I/O
I2SRX_CLK — Receive Clock. It is driven by the master and received by
the slave. Corresponds to the signal SCK in the I2S-bus specification.
I
CAP3[0] — Capture input for Timer 3, channel 0.
P0[24]/AD0[1]/
I2SRX_WS/
CAP3[1]
8[2]
D1[2]
I/O
P0[24] — General purpose digital input/output pin.
I
AD0[1] — A/D converter 0, input 1.
I/O
I2SRX_WS — Receive Word Select. It is driven by the master and received
by the slave. Corresponds to the signal WS in the I2S-bus specification.
I
CAP3[1] — Capture input for Timer 3, channel 1.
P0[25]/AD0[2]/
I2SRX_SDA/
TXD3
7[2]
D2[2]
I/O
P0[25] — General purpose digital input/output pin.
I
AD0[2] — A/D converter 0, input 2.
I/O
I2SRX_SDA — Receive data. It is driven by the transmitter and read by the
receiver. Corresponds to the signal SD in the I2S-bus specification.
O
TXD3 — Transmitter output for UART3.
P0[26]/AD0[3]/
AOUT/RXD3
6[3]
D3[3]
I/O
P0[26] — General purpose digital input/output pin.
I
AD0[3] — A/D converter 0, input 3.
O
AOUT — D/A converter output.
I
RXD3 — Receiver input for UART3.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com