Electronic Components Datasheet Search
  English  ▼

X  

LPC2364 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 37Page - NXP Semiconductors LPC2364 Datasheet HTML 38Page - NXP Semiconductors LPC2364 Datasheet HTML 39Page - NXP Semiconductors LPC2364 Datasheet HTML 40Page - NXP Semiconductors LPC2364 Datasheet HTML 41Page - NXP Semiconductors LPC2364 Datasheet HTML 42Page - NXP Semiconductors LPC2364 Datasheet HTML 43Page - NXP Semiconductors LPC2364 Datasheet HTML 44Page - NXP Semiconductors LPC2364 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
41 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
9.1 Power-down mode
Vi(VBAT) = VDD(DCDC)(3V3) = 3.3 V; Tamb = 25 °C.
Fig 5.
I/O maximum supply current IDD(IO) versus temperature in Power-down mode
VDD(3V3) = VDD(DCDC)(3V3) = 3.3 V; Tamb = 25 °C.
Fig 6.
RTC battery maximum supply current IBATversus temperature in Power-down
mode
002aae049
−2
2
0
4
IDD(IO)
(
μA)
−4
temperature (
°C)
−40
85
35
10
60
−15
VDD(3V3) = 3.3 V
VDD(3V3) = 3.0 V
002aae050
Vi(VBAT) = 3.3 V
Vi(VBAT) = 3.0 V
10
30
20
40
IBAT
(
μA)
0
temperature (
°C)
−40
85
35
10
60
−15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com