Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 35 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 35 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 39Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
35
Version: DM9161-DS-F05
September 10, 2008
9.3 DC Electrical Characteristics
(DVDD,AVDD = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TTL Inputs
(TXD0~TXD3, TXCLK, MDC, MDIO, TXEN, TXER, RXEN, TESTMODE, RMII, PHYAD0~4, OPMODE0-2, RPTR,
BP4B5B, RESET# )
VIL
Input Low Voltage
---
---
0.8
V
VIH
Input High Voltage
2.0
---
---
V
IIL
Input Low Leakage Current
---
---
10
uA
VIN = 0.4V
IIH
Input High Leakage Current
---
---
-10
uA
VIN = 2.7V
MII TTL Outputs
( RXD0-RXD3, RXDV, RXER, CRS, COL, MDIO)
VOL
Output Low Voltage
---
---
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -4mA
Non-MII TTL Outputs
(LINKLED#, SPEEDLED#, FDXLED#, MDINTR#)
VOL
Output Low Voltage
---
---
0.4
V
IOL = 2mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -2mA
Receiver
VICM
RX+/RX- Common mode Input Voltage
---
1.2
---
V
100
Ω Termination Across
Transmitter
VTD100
100TX+/- Differential Output Voltage
1.9
2.0
2.1
V
Peak to Peak
ITD100
100TX+/- Differential Output Current
│19│
│20│
│21│
mA
VOH
PECL Output Voltage – High
VCC-1.
05
VCC-0.
88
V
VOL
PECL Output Voltage – Low
VCC-1.
81
VCC-1.
62
V
VIH
PECL Input Voltage – High
VCC-1.
16
VCC-0.
88
V
VIL
PECL Input Voltage – Low
VCC-1.
81
VCC-1.
48
V
IFD100
100FX+/- Differential Output Current
│17│
│18│
│19│
mA
9.4 AC Electrical Characteristics & Timing Waveforms
9.4.1 TP Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTR/F
100TX+/- Differential Rise/Fall Time
3.0
---
5.0
ns
tTM
100TX+/- Differential Rise/Fall Time Mismatch
0
---
0.5
ns
tTDC
100TX+/- Differential Output Duty Cycle
Distortion
0
---
0.5
ns
tT/T
100TX+/- Differential Output Peak-to-Peak Jitter
0
---
1.4
ns
XOST
100TX+/- Differential Voltage Overshoot
0
---
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com