Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 22 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 22 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 26Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
22
Final
Version: DM9161-DS-F05
September 10, 2008
8. MII Register Description
ADD
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
CONTROL
Reset
Loop
back
Speed
select
Auto-N
Enable
Power
Down
Isolate Restart
Auto-N
Full
Duplex
Coll.
Test
Reserved
01
STATUS
T4
Cap.
TX FDX
Cap.
TX HDX
Cap.
10 FDX
Cap.
10 HDX
Cap.
Reserved
Pream.
Supr.
Auto-N
Compl.
Remote
Fault
Auto-N
Cap.
Link
Status
Jabber
Detect
Extd
Cap.
02
PHYID1
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
03
PHYID2
1
0
1
1
1
0
Model No.
Version No.
04
Auto-Neg.
Advertise
Next
Page
FLP Rcv
Ack
Remote
Fault
Reserved
FC
Adv
T4
Adv
TX FDX
Adv
TX HDX
Adv
10 FDX
Adv
10 HDX
Adv
Advertised Protocol Selector Field
05
Link Part.
Ability
LP Next
Page
LP
Ack
LP
RF
Reserved
LP
FC
LP
T4
LP
TX FDX
LP
TX HDX
LP
10 FDX
LP
10 HDX
Link Partner Protocol Selector Field
06
Auto-Neg.
Expansion
Reserved
Pardet
Fault
LP Next
Pg Able
Next Pg
Able
New Pg
Rcv
LP AutoN
Cap.
16
Aux.
Config.
BP
4B5B
BP
SCR
BP
ALIGN
BP_A
DPOK
Repeat
mode
TX/FX
Select
FEF
Enable
RMII
Enable
Force
100LNK
SPDLE
D_CTL
COLLE
D_CTL
RPDCT
R-EN
Reset
St. Mch
Pream.
Supr.
Sleep
mode
Remote
LoopOut
17
Aux.
Conf/Stat
100
FDX
100
HDX
10
FDX
10
HDX
Reserved
PHY ADDR [4:0]
Auto-N. Monitor Bit [3:0]
18
10T
Conf/Stat
Rsvd
LP
Enable
HBE
Enable
SQUE
Enable
JAB
Enable
10T
Serial
Reserved
Polarity
Reverse
21
MDINTR
INTR
PEND
Rsvd
Rsvd
Rsvd
FDX
Mask
SPD
Mask
Link
Mask
INTR
Mask
Rsvd
Rsvd
Rsvd
FDX
Change
SPD
Change
Link
Change
Rsvd
INTR
Status
22
Rcv Error
Counter
Receive Error Counter
23
Disconnect
Counter
Reserved
Disconnect Counter
24
Rstlh
Stat
0
0
LH_
ISO
LH_
CSTS
LH_
RMII
LH_
SCRAM
LH_
REP
LH_
T5TMOD
LH_OP [2:0]
LH_PHYAD [4:0}
Key to Default
In the register description that follows, the default
column takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
(PIN#)
Value latched in from pin # at reset
<Access Type>:
RO = Read only
RW = Read/Write
<Attribute (s)>:
SC = Self clearing
P = Value permanently set
LL = Latching low
LH = Latching high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com