Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 32 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 32 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 36Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
32
Final
Version: DM9161-DS-F05
September 10, 2008
When this bit is set, no interrupts will be generated under any
condition
21.7-21.5
Reserved
0, RO
Reserved
21.4
FDX change
0,RO/LH
Duplex Status Change Interrupt
“1” indicates a change of duplex since last register read. A read of
this register will clear this bit
21.3
SPD change
0, RO/LH
Speed Status Change Interrupt
“1” indicates a change of speed since last register read. A read of
this register will clear this bit
21.2
LINK change
0, RO/LH
Link Status Change Interrupt
“1” indicates a change of link since last register read. A read of this
register will clear this bit
21.1
Reserved
0, RO
Reserved
21.0
INTR status
0, RO/LH
Interrupt Status
The status of MDINTR#. “1” indicates that the interrupt mask is off
that one or more of the change bits are set. A read of this register
will clear this bit
8.12 DAVICOM Specified Receive Error Counter Register (RECR) – 22
Bit
Bit Name
Default
Description
22.15-0
Rcv_ Err_ Cnt
0, RO
Receive Error Counter
Receive error counter that increments upon detection of REER
8.13 DAVICOM Specified Disconnect Counter Register (DISCR) – 23
Bit
Bit Name
Default
Description
23.15-23.
8
Reserved
0, RO
Reserved
23.7-23.0
Disconnect
Counter
0, RO
Disconnect Counter that increments upon detection of
disconnection
8.14 DAVICOM Hardware Reset Latch State Register (RLSR) – 24
Bit
Bit Name
Default
Description
13
LH_LEDST
0
TXCLK pin reset latch value
12
LH_CSTS
0
CABLESTS pin reset latch value
11
LH_RMII
0
COL pin reset latch value
10
LH_SCRAM
1
RXCLK pin reset latch value
9
LH_REPTR
0
RXDV pin reset latch value
8
LH_TSTMOD
0
RXER pin reset latch value
7
LH_OP2
1
LINKLED pin reset latch value
6
LH_OP1
1
SPOLED pin reset latch value
5
LH_OP0
1
FDXLED pin reset latch value
4
LH_PH4
0
CRS pin reset latch value
3
LH_PH3
0
RXD3 pin reset latch value
2
LH_PH2
0
RXD2 pin reset latch value
1
LH_PH1
0
RXD1 pin reset latch value
0
LH_PH0
0
RXD0 pin reset latch value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com