Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM9161 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
4
Final
Version: DM9161-DS-F05
September 10, 2008
3. Features
Fully complies with IEEE 802.3u
10Base-T/100Base-TX/FX
Support Auto-Negotiation function, compliant with IEEE
802.3u
Fully integrated Physical layer single chip with direct
interface to magnetic
Integrated 10Base-T and 100Base-TX transceiver
Selectable repeater or node mode
Far end fault signaling option in FX mode
Selectable MII or RMII (Reduced MII) interface, at he
100BASE-TX
Selectable GPSI (7-Wired) or MII mode at the
10Base-T.
Selectable twisted-pair or fiber mode output
Selectable full-duplex or half-duplex operation
MII management interface with maskable interrupt
output capability
Provide Loopback mode for easy system
diagnostics
LED status outputs indicate Link/ Activity, Speed10/100
and Full-duplex/Collision.
Single low power Supply of 3.3V with 0.35µm CMOS
technology
Very Low Power consumption modes:
● Power Reduced mode (cable detection)
● Power Down mode
● Selectable TX drivers for 1:1 or 1.25:1 transformers
for additional power reduction.
Compatible with 3.3V and 5.0V tolerant I/Os
48-pin LQFP small package (1x1 cm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com