Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
30
Final
Version: DM9161-DS-F05
September 10, 2008
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) - 17
Bit
Bit Name
Default
Description
17.15
100FDX
1, RO
100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M full duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.14
100HDX
1, RO
100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M half duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.13
10FDX
1, RO
10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M Full Duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.12
10HDX
1, RO
10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M half duplex
mode. The software can read bit [15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.11-17.
9
Reserved
0, RO
Reserved
Read as 0, ignore on write
17.8-17.4 PHYADR[4:0]
(PHYADR),
RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple
PHY entities must know the appropriate address of each PHY
17.3-17.0
ANMB[3:0]
0, RO
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be
written to these bits
B3 b2 b1 B0
0000
In IDLE state
0001
Ability match
0010
Acknowledge match
0011
Acknowledge match fail
0100
Consistency match
0101
Consistency match fail
0110
Parallel detects signal_link_ready
0111
Parallel detects signal_link_ready fail
1000
Auto-negotiation completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com