Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
9
Version: DM9161-DS-F05
September 10, 2008
5.4 Mode, 2 pins
Pin No.
Pin Name
I/O
Description
10
PWRDWN
I
Power Down Control
Asserted high to force the DM9161 into power down mode. When in
power down mode, most of the DM9161 circuit block’s power is turned
off, only the MII management interface (MDC, MDIO) logic is available
(the PHY should respond to management transactions and should not
generate spurious signals on the MII)). To leave power down mode, the
DM9161 needs the hardware or software reset with the PWRDWN pin
low
14
CABLESTS
/LINKSTS
O,
LI
(D)
Cable Status or Link Status
This pin is used to indicate the status of the cable connection when
power up reset latch low (Default)
0 = Without cable connection
1 = With cable connection
This pin is used to indicate the status of the Link connection when power
up reset latch high
0 = Without link
1 = With link
5.5 Bias and Clock, 4 pins
Pin No.
Pin Name
I/O
Description
47
BGRESG
P
Bandgap Ground
48
BGRES
O Bandgap Voltage Reference Resistor 6.8K ohm
42
XT2
I/O Crystal Output; REF_CLK input for RMII mode
43
XT1
I
Crystal Input
5.6 Power, 13 pins
Pin No.
Pin Name
I/O
Description
1,2
AVDD
P
Analog Receive Power
9
AVDD
P
Analog Transmit Power
5
AGND
P
Analog Receive Ground
6
AGND
P
Analog Transmit Ground
46
AGND
P
Analog Substrate Ground
23,30,39,41
DVDD
P
Digital Power
15,33,44
DGND
P
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com