Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9161 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
1
Version: DM9161-DS-F05
September 10, 2008
1. General Description
The DM9161 is a physical layer, single-chip, and low
power transceiver for 100BASE-TX 100BASE-FX and
10BASE-T operations. On the media side, it provides
a direct interface either to Unshielded Twisted Pair
Category 5 Cable (UTP5) for 100BASE-TX Fast
Ethernet, or UTP5/UTP3 Cable for 10BASE-T
Ethernet. Through the Media Independent Interface
(MII), the DM9161 connects to the Medium Access
Control (MAC) layer, ensuring a high inter-operability
from different vendors.
The DM9161 uses a low power and high performance
CMOS process. It contains the entire physical layer
functions of 100BASE-TX as defined by IEEE802.3u,
including the Physical Coding Sublayer (PCS),
Physical Medium Attachment (PMA), Twisted Pair
Physical Medium Dependent Sublayer (TP-PMD),
10BASE-TX
Encoder/Decoder
(ENC/DEC),
and
Twisted Pair Media Access Unit (TPMAU). The
DM9161
provides
a
strong
support
for
the
auto-negotiation function, utilizing automatic media
speed and protocol selection. Furthermore, due to the
built-in wave-shaping filter, the DM9161 needs no
external filter to transport signals to the media in
100BASE-TX or 10BASE-T Ethernet operation.
2. Block Diagram
MII
Management
Control
Biasing/
Power
Block
Clock
Circuit
Block
100Base-TX
Transceiver
100Base-FX
PECL
Interface
LED Driver
MII/RMII/
GPSI
Interface
MII
Register
100Base-
TX
PCS
10Base-T
TX/RX Module
Auto-Negotiation


Similar Part No. - DM9161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Pulse A Technitrol Comp...
DM9161 PULSE-DM9161 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9161A ETC1-DM9161A Datasheet
1Mb / 45P
10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
List of Unclassifed Man...
DM9161AE ETC1-DM9161AE Datasheet
1Mb / 45P
10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
More results

Similar Description - DM9161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com