Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 11 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
11
Version: DM9161-DS-F05
September 10, 2008
5.8 Pin Maps of Normal MII, Reduced MII, and 10Base-T GPSI (7-Wired) Mode
Normal MII Mode
Reduced MII Mode
10Base-T GPSI (7-Wired) Mode
TXD [0:1]
TXD [0:1]
TXD [0] ; TXD [1] = NC
TXD [2:3]
NC
NC
TXEN
TXEN
TXEN
TXER/TXD [4]
NC
NC
TXCLK
NC
TXCLK
RXD [0:1]
RXD [0:1]
RXD [0] ; RXD [1] = NC
RXD[2:3]
NC
NC
RXEN
VCC
VCC
RXER/RXD[4]/RPTR/NODE
RPTR/NODE
RPTR/NODE
RXDV
CRS DV
NC
RXCLK
NC
RXCLK
COL
NC
COL
CRS
(PHYADR [2:4])
(BP4B5B)
NC
CRS
MDC
MDC
MDC
MDIO
MDIO
MDIO
RESET#
RESET#
RESET#
XT1 (25 MHz)
XT1 (Floating)
XT1 (25 MHz)
XT2 (25 MHz)
XT2 (REF_CLK 50MHz)
XT2 (25 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com