Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 42 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 42 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 46Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
42
Final
Version: DM9161-DS-F05
September 10, 2008
10. Application Notes
10.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9161 RX± and TX± pins. Traces routed from RX±
and TX± to the transformer should run in close pairs directly
to the transformer. The designer should be careful not to
cross the transmit and receive pairs. As always, vias should
be avoided as much as possible. The network interface
should be void of any signals other than the TX± and RX±
pairs between the RJ-45 to the transformer and the
transformer to the DM9161. There should be no power or
ground planes in the area under the network side of the
transformer to include the area under the RJ-45 connector
(Refer to Figure 10-1 and 10-2). Keep chassis ground away
from all active signals. The RJ-45 connector and any unused
pins should be tied to chassis ground through a resistor
divider network and a 2KV bypass capacitor.
The Band Gap resistor should be placed as physically close
to pin 47 and 48 as possible (refer to Figure 10-1 and 10-2 ).
The designer should not run any high-speed signal near the
Band Gap resistor placement.
10.2 10Base-T/100Base-TX Application
Figure 10-1
DM9161
RX+
RX-
TX+
TX-
BGRES
BGRESG
Transformer
RJ45
3
6
8
1
4
5
2
7
1:1
1:1
75Ω
1%
75Ω
1%
75Ω
1%
75Ω
1%
3.3V AVCC
0.1µ F
0.1µ F
0.1µ F
0.1µ F
0.1µ F/2KV or 0.01µ F/2KV
Chasis GND
6.8KΩ, 1%
50Ω
1%
50Ω
1%
50Ω
1%
50Ω
1%
AVDD
AGND
AGND
AGND
AGND
48
47
8
7
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com