Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 44 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 44 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 48Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
44
Final
Version: DM9161-DS-F05
September 10, 2008
10.4 100Base-FX Application
DM9161
FXRD+
FXRD-
FXTD-
BGRESG
BGRES
3.3V Fiber
Transceiver
1 GND_RX
AGND
6.8KΩ, 1%
69Ω
SD
FXTD-
2 RD+
3 RD-
4 SD
5 VCC_RX
6 VCC_TX
7 TD-
8 TD+
9 GND_TX
182Ω
FXVCC (3.3V)
FXVCC (3.3V)
182Ω
69Ω
FXVCC (3.3V)
FXVCC (3.3V)
127Ω
127Ω
83Ω
83Ω
83 Ω
127Ω
AGND
AGND
AGND
AGND
AGND
FXVCC (3.3V)
Figure 10-3
DM9161
FXRD+
FXRD-
FXTD+
BGRESG
BGRES
5V Fiber
Transceiver
1 GND_RX
AGND
6.8KΩ, 1%
62Ω
SD
FXTD-
2 RD+
3 RD-
4 SD
5 VCC_RX
6 VCC_TX
7 TD-
8 TD+
9 GND_TX
268Ω
FXVCC (5V)
FXVCC (5V)
268Ω
62Ω
FXVCC (5V)
FXVCC (5V)
83Ω
83Ω
59Ω
59Ω
59Ω
83Ω
AGND
AGND
AGND
AGND
AGND
FXVCC (5V)
68Ω
68Ω
68Ω
Figure 10-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com