Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 8 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 8 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 12Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
8
Final
Version: DM9161-DS-F05
September 10, 2008
5.2 Media Interface, 5 pins
Pin No.
Pin Name
I/O
Description
3,4
RX+/FXRD+
RX-/FXRD-
I
Differential receive pair.
Differential data is received from the media.
Differential Pseudo ECL signal is received from the media in fiber mode.
7,8
TX+/FXTD+
TX-/FXTD-
O Differential transmit pair.
Differential data is transmitted to the media in TP mode.
Differential Pseudo ECL signal transmits to the media in fiber mode.
45
SD
I
Fiber-optic signal detect
PECL signal which indicates whether or not the fiber-optic receive pair is
receiving valid signal levels.
5.3 LED Interface, 3 pins
Pin No.
Pin Name
I/O
Description
11
FDX
/COL LED#
/OP0
O,
LI
(U)
Full/Half Duplex LED
Active states indicate the full-duplex mode. Active states see LED
configuration
Full-Duplex/Collision LED: when bit 5 of register 16 is set high
Active states indicate the full-duplex mode or activity Collision LED when
in the half-duplex mode. Active states see LED configuration
OP0: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161 according to the Table A. The value is latched into the DM9161
registers at power-up/reset
12
SPEED LED#
/OP1
O,
LI
(U)
Speed LED
Active states indicate the 100Mbps mode. Active states see LED
configuration
When bit 6 of Register 16 is set high, it controls the SPEED LED as
100Base-TX SD signal output. For debug only
OP1: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161 according to the Table A. The value is latched into the DM9161
registers at power-up/reset
13
LINK
/ACT LED#
/OP2
O,
LI
(U)
Link LED & Activity LED:
Active states indicate the good link for 10Mbps and 100Mbps operations.
It is also an active LED function when transmitting or receiving data.
Active states see LED configuration
OP2: (power up reset latch input)
This pin is used to control the forced or advertised operating mode of the
DM9161 according to the Table A. The value is latched into the DM9161
registers at power-up/reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com