Electronic Components Datasheet Search
  English  ▼

X  

DM9161 Datasheet(PDF) 31 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 31 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 35Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
31
Version: DM9161-DS-F05
September 10, 2008
8.10 10BASE-T Configuration/Status (10BTCSR) - 18
Bit
Bit Name
Default
Description
18.15
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.14
LP_EN
1, RW
Link Pulse Enable
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation
18.13
HBE
1,RW
Heartbeat Enable
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the DM9161 is configured for full duplex operation, this bit will
be ignored (the collision/heartbeat function is invalid in full duplex
mode)
18.12
SQUELCH
1, RW
Squelch Enable
1 = Normal squelch
0 = Low squelch
18.11
JABEN
1, RW
Jabber Enable
Enables or disables the Jabber function when the DM9161 is in
10BASE-T full duplex or 10BASE-T transceiver loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
18.10
10BT_SER
0,RW
10BASE-T GPSI Mode
1 = 10BASE-T GPSI mode selected
0 = 10BASE-T MII mode selected
GPSI mode is not supported for 100Mbps operation
18.9-18.1
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed. This bit is automatically set and cleared by 10BASE-T
module
8.11 DAVICOM Specified Interrupt Register – 21
Bit
Bit Name
Default
Description
21.15
INTR PEND
0, RO
Interrupt Pending
Indicates that the interrupt is pending and is cleared by the current
read. This bit shows the same result as bit 0. (INTR Status)
21.14-21.
12
Reserved
0, RO
Reserved
21.11
FDX mask
1, RW
Full-duplex Interrupt Mask
When this bit is set, the Duplex status change will not generate the
interrupt
21.10
SPD mask
1, RW
Speed Interrupt Mask
When this bit is set, the Speed status change will not generate the
interrupt
21.9
LINK mask
1, RW
Link Interrupt Mask
When this bit is set, the link status change will not generate the
interrupt
21.8
INTR mask
1, RW
Master Interrupt Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com