| Electronic Components Datasheet Search |
|
DM9161 Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9161 Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc. |
|
20 / 50 page ![]() DM9161 10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver 20 Final Version: DM9161-DS-F05 September 10, 2008 instead, the receive signal is examined. If it is discovered that the signal matches a technology, supported by the receiving device, a connection will be automatically established using that technology. This allows devices, which do not support Auto-negotiation but support a common mode of operation, to establish a link. 7.2.7 MII Serial Management The MII serial management interface consists of a data interface, basic register set, and a serial management interface to the register set. Through this interface it is possible to control and configure multiple PHY devices, get status and error information, and determine the type and capabilities of the attached PHY device(s). The DM9161 management functions correspond to MII specification for IEEE 802.3u-1995 (Clause 22) for registers 0 through 6 with vendor-specific registers 16,17, 18, 21, 22, 23 and 24. In read/write operation, the management data frame is 64-bits long and starts with 32 contiguous logic one bits (preamble) synchronization clock cycles on MDC. The Start of Frame Delimiter (SFD) is indicated by a <01> pattern followed by the operation code (OP):<10> indicates Read operation and <01> indicates Write operation. For read operation, a 2-bit turnaround (TA) filing between Register Address field and Data field is provided for MDIO to avoid contention. Following the turnaround time, 16-bit data is read from or written onto management registers. 7.2.8 Serial Management Interface The serial control interface uses a simple two-wired serial interface to obtain and control the status of the physical layer through the MII interface. The serial control interface consists of MDC (Management Data Clock), and MDI/O (Management Data Input/Output) signals. The MDIO pin is bi-directional and may be shared by up to 32 devices. 7.2.9 Management Interface - Read Frame Structure 32 "1"s 0 1 1 0 A4 A3 A0 R4 R3 R0 Z 0 Idle Preamble SFD Op Code PHY Address Register Address Turn Around Data Idle Read Write MDC MDIO Read D15 D14 D1 D0 // // 7.2.10 Management Interface - Write Frame Structure 32 "1"s 0 1 1 0 A4 A3 A0 R4 R3 R0 1 0 D15 D14 D1 D0 Idle Preamble SFD Op Code PHY Address Register Address Turn Around Data Idle Write MDC MDIO Write Figure 7-5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |