| Electronic Components Datasheet Search |
|
SE97BTP Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SE97BTP Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 53 page ![]() SE97B_1 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 01 — 27 January 2010 18 of 53 NXP Semiconductors SE97B DDR memory module temp sensor with integrated SPD Up to eight memory devices can be connected on a single I2C-bus. Each one is given a 3-bit on the hardware selectable address (A2, A1, A0) inputs. The device only responds when the 4-bit fixed and hardware selectable bits are matched. The 8th bit is the read/write bit. This bit is set to 1 or 0 for read and write protection, respectively. The corresponding device acknowledges during the ninth bit time when there is a match on the 7-bit address. The device does not acknowledge when there is no match on the 7-bit address or when the device is already in permanent write protection mode and is programmed with any write protection instructions (i.e., PWP, RWP, CWP). 7.10.2.1 Permanent Write Protection (PWP) If the software write-protection has been set with the PWP instruction, the first 128 bytes of the memory are permanently write-protected. This write-protection cannot be cleared by any instruction, or by power-cycling the device. Also, once the PWP instruction has been successfully executed, the device no longer acknowledges any instruction (with 4-bit fixed address of 0110b) to access the write-protection settings. X = Don’t Care (1) Refer to Table 7 regarding the exact state of the acknowledge bit. Fig 13. Software Write Protect (write) 1 1 0 A2 A1 A0 0 A S 0 A slave address (memory) START condition R/W acknowledge(1) from slave acknowledge(1) from slave dummy byte address SDA dummy data A acknowledge(1) from slave 002aab356 P STOP condition XXXXXXXX XXXXXXXX X = Don’t Care (1) Refer to Table 8 regarding the exact state of the acknowledge bit. Fig 14. Software Write Protect (read) 1 1 0 A2 A1 A0 1 A S 0 A slave address (memory) START condition R/W acknowledge(1) from slave no acknowledge(1) from slave dummy byte address SDA dummy data A no acknowledge(1) from slave 002aac644 P STOP condition XXXXXXXX XXXXXXXX |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |