Electronic Components Datasheet Search
  English  ▼

X  

SE97BTP Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 39Page - NXP Semiconductors SE97BTP Datasheet HTML 40Page - NXP Semiconductors SE97BTP Datasheet HTML 41Page - NXP Semiconductors SE97BTP Datasheet HTML 42Page - NXP Semiconductors SE97BTP Datasheet HTML 43Page - NXP Semiconductors SE97BTP Datasheet HTML 44Page - NXP Semiconductors SE97BTP Datasheet HTML 45Page - NXP Semiconductors SE97BTP Datasheet HTML 46Page - NXP Semiconductors SE97BTP Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
43 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
From 25
°C (air) to 120 °C (oil bath) at 3.3 V.
Fig 38. SE97B temperature accuracy
Fig 39. Package thermal response
3.0
Tlim(acc)
(
°C)
−3.0
Tamb (°C)
−40
120
80
040
002aaf189
0
−1.5
1.5
40
80
120
thermal
response
(%)
0
time (s)
05
4
23
1
002aaf178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com