Electronic Components Datasheet Search
  English  ▼

X  

SE97BTP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 25Page - NXP Semiconductors SE97BTP Datasheet HTML 26Page - NXP Semiconductors SE97BTP Datasheet HTML 27Page - NXP Semiconductors SE97BTP Datasheet HTML 28Page - NXP Semiconductors SE97BTP Datasheet HTML 29Page - NXP Semiconductors SE97BTP Datasheet HTML 30Page - NXP Semiconductors SE97BTP Datasheet HTML 31Page - NXP Semiconductors SE97BTP Datasheet HTML 32Page - NXP Semiconductors SE97BTP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
29 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
8.5 Temperature Trip Point registers
While writing to the 16-bit Upper, Lower, or Critical Boundary Alarm Trip registers, please
ensure that both bytes get written before doing a new START or STOP to ensure that a
valid temperature value gets written into the registers.
8.5.1 UPPER — Upper Boundary Alarm Trip register (02h, 16-bit read/write)
The value is the upper threshold temperature value for Alarm mode. The data format is
2’s complement with bit 2 = 0.25
°C. ‘RFU’ bits will always report zero. Interrupts will
respond to the presently programmed boundary values. If boundary values are being
altered in-system, it is advised to turn off interrupts until a known state can be obtained to
avoid superfluous interrupt activity.
Table 16.
UPPER - Upper Boundary Alarm Trip register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
RFU
RFU
SIGN
128
°C64 °C32 °C16 °C
Default
00
00
00
00
Access
R
R
R
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
8
°C4 °C2 °C1 °C0.5 °C0.25 °CRFU
RFU
Default
00
00
00
00
Access
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Table 17.
Upper Boundary Alarm Trip register bit description
Bit
Symbol
Description
15:13
RFU
reserved; always ‘0’
12
SIGN
Sign (MSB)
11:2
-
Upper Boundary Alarm Trip Temperature (LSB = 0.25
°C)
1:0
RFU
reserved; always ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com