Electronic Components Datasheet Search
  English  ▼

X  

SE97BTP Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 34Page - NXP Semiconductors SE97BTP Datasheet HTML 35Page - NXP Semiconductors SE97BTP Datasheet HTML 36Page - NXP Semiconductors SE97BTP Datasheet HTML 37Page - NXP Semiconductors SE97BTP Datasheet HTML 38Page - NXP Semiconductors SE97BTP Datasheet HTML 39Page - NXP Semiconductors SE97BTP Datasheet HTML 40Page - NXP Semiconductors SE97BTP Datasheet HTML 41Page - NXP Semiconductors SE97BTP Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
38 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
10. Limiting values
11. Characteristics
Table 29.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+4.3
V
Vn
voltage on any other pin
SDA, SCL, A1, A2,
EVENT pins
−0.5
+4.3
V
VA0
voltage on pin A0
overvoltage input; A0 pin
−0.5
+12.5
V
Isink
sink current
SDA, EVENT pins
−1+10
mA
Tj(max)
maximum junction temperature
-
150
°C
Tstg
storage temperature
−65
+165
°C
Table 30.
Thermal sensor characteristics
VDD = 3.0 V to 3.6 V; Tamb = −40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tlim(acc)
temperature limit
accuracy
B-grade; VDD = 3.0 V to 3.6 V
Tamb =75 °Cto95 °C
−1.0
<
±0.5
+1.0
°C
Tamb =40 °Cto125 °C
−2.0
<
±1.0
+2.0
°C
Tamb = −40 °Cto+125 °C
−3.0
<
±2+3.0
°C
Tres
temperature resolution
-
0.125
-
°C
Tconv
conversion period
-
100
120
ms
Ef(conv)
conversion rate error
percentage error in programmed data
−30
-
30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com