Electronic Components Datasheet Search
  English  ▼

X  

SE97BTP Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 28Page - NXP Semiconductors SE97BTP Datasheet HTML 29Page - NXP Semiconductors SE97BTP Datasheet HTML 30Page - NXP Semiconductors SE97BTP Datasheet HTML 31Page - NXP Semiconductors SE97BTP Datasheet HTML 32Page - NXP Semiconductors SE97BTP Datasheet HTML 33Page - NXP Semiconductors SE97BTP Datasheet HTML 34Page - NXP Semiconductors SE97BTP Datasheet HTML 35Page - NXP Semiconductors SE97BTP Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
32 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
8.7 MANID — Manufacturer’s ID register (06h, 16-bit read-only)
The SE97B Manufacturer’s ID register is intended to match NXP Semiconductors
PCI SIG (1131h).
8.8 DEVICEID — Device ID register (07h, 16-bit read-only)
The SE97B device ID is A2h. The device revision is 03h.
Table 24.
MANID - Manufacturer’s ID register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
Manufacturer ID
Default
00
01
00
01
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
(cont.)
Default
00
11
00
01
Access
RR
RR
RR
RR
Table 25.
DEVICEID - Device ID register bit allocation for SE97B
Bit
15
14
13
12
11
10
9
8
Symbol
Device ID
Default
10
10
00
10
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
Device revision
Default
00
00
00
11
Access
RR
RR
RR
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com