| Electronic Components Datasheet Search |
|
SE97BTP Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SE97BTP Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 53 page ![]() SE97B_1 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 01 — 27 January 2010 14 of 53 NXP Semiconductors SE97B DDR memory module temp sensor with integrated SPD A = ACK = Acknowledge bit. W = Write bit = 0. R = Read bit = 1. Fig 7. SMBus/I2C-bus write to the Pointer register followed by a write data word 123456789123456789 SCL A6 A5 A4 A3 A2 A1 A0 SDA D7 D6 D5 D4 D3 D2 D1 D0 device address and write write register address WA S START by host ACK by device A ACK by device (cont.) (cont.) 002aab412 123456789123456789 SCL D15 D14 D13 D12 D11 D10 D9 SDA D7 D6 D5 D4 D3 D2 D1 D0 most significant byte data least significant byte data A by host ACK by device P STOP by host D8 A ACK by device A = ACK = Acknowledge bit. A = NACK = No Acknowledge bit. W = Write bit = 0. R = Read bit = 1. Fig 8. SMBus/I2C-bus write to Pointer register followed by a repeated START and an immediate data word read 123456789123456789 SCL A6 A5 A4 A3 A2 A1 A0 SDA D7 D6 D5 D4 D3 D2 D1 D0 device address and write read register address WA S START by host ACK by device A ACK by device (cont.) (cont.) 123456789 D15 D14 D13 D12 D11 D10 D9 D8 returned most significant byte data A ACK by host SCL SDA 123456789 SCL A6 A5 A4 A3 A2 A1 A0 SDA device address and read RA SR repeated START by host ACK by device (cont.) (cont.) 002aac686 123456789 D7 D6 D5 D4 D3 D2 D1 D0 returned least significant byte data P STOP by host A NACK by host |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |