Electronic Components Datasheet Search
  English  ▼

X  

SE97BTP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 11Page - NXP Semiconductors SE97BTP Datasheet HTML 12Page - NXP Semiconductors SE97BTP Datasheet HTML 13Page - NXP Semiconductors SE97BTP Datasheet HTML 14Page - NXP Semiconductors SE97BTP Datasheet HTML 15Page - NXP Semiconductors SE97BTP Datasheet HTML 16Page - NXP Semiconductors SE97BTP Datasheet HTML 17Page - NXP Semiconductors SE97BTP Datasheet HTML 18Page - NXP Semiconductors SE97BTP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
15 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
7.10 EEPROM operation
The 2-kbit EEPROM is organized as either 256 bytes of 8 bits each (byte mode), or
16 pages of 16 bytes each (page mode). Accessing the EEPROM in byte mode or page
mode is automatic; partial page write of 2 bytes, 4 bytes, or 8 bytes is also supported.
Communication with the EEPROM is via the 2-wire serial I2C-bus or SMBus. Figure 10
provides an overview of the EEPROM partitioning.
A = ACK = Acknowledge bit. A = NACK = No Acknowledge bit. W = Write bit = 0. R = Read bit = 1.
Fig 9.
SMBus/I2C-bus word read from register with a pre-set pointer
123456789
D15
D14
D13
D12
D11
D10
D9
D8
returned most significant byte data
A
ACK
by host
SCL
SDA
123456789
SCL
A6
A5
A4
A3
A2
A1
A0
SDA
device address and read
RA
ACK
by device
(cont.)
(cont.)
002aac687
123456789
D7
D6
D5
D4
D3
D2
D1
D0
returned least significant byte data
P
STOP
NACK
by host
S
START
by host
A
Fig 10. EEPROM partitioning
FFh
80h
7Fh
0Fh
00h
00h 01h
07h
…
1 page
or 16 bytes
8 pages or
128 bytes
16 pages or
256 bytes
no write protect
write protect
by software
002aac812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com