Electronic Components Datasheet Search
  English  ▼

X  

SE97BTP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 19Page - NXP Semiconductors SE97BTP Datasheet HTML 20Page - NXP Semiconductors SE97BTP Datasheet HTML 21Page - NXP Semiconductors SE97BTP Datasheet HTML 22Page - NXP Semiconductors SE97BTP Datasheet HTML 23Page - NXP Semiconductors SE97BTP Datasheet HTML 24Page - NXP Semiconductors SE97BTP Datasheet HTML 25Page - NXP Semiconductors SE97BTP Datasheet HTML 26Page - NXP Semiconductors SE97BTP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
23 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
8.2 CAP — Capability register (00h, 16-bit read-only)
Table 10.
CAP - Capability register (address 00h) bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
Default
0
000
0000
Access
RRR
RRR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
EVSD
TMOUT
VHV
TRES
TRES
WRNG
HACC
BCAP
Default
111
101
11
Access
RR
RRR
RRR
Table 11.
Capability register (address 00h) bit description
Bit
Symbol
Description
15:8
RFU
Reserved for future use; must be zero.
7
EVSD
EVENT with shutdown action.
0 — The EVENT output freezes in its current state when entering
shutdown. Upon exiting shutdown, the EVENT output remains in the
previous state until the next thermal sample is taken.
1 (default) — The EVENT output is de-asserted (not driven) when
entering shutdown, and remains de-asserted upon exit from
shutdown until the next thermal sample is taken.
Remark: Bit 7 follows the state of SMBUS[4] which can change
EVENT output to freeze.
6
TMOUT
Bus time-out period for thermal sensor access during normal
operation. Note that bus time-out support is operational in shutdown
mode, or for access to the EEPROM portion of the device.
1 — Parameter tto(SMBus) is supported within the range of 25 ms to
35 ms (SMBus compatible).
5
VHV
High voltage standoff for pin A0.
1 — Supports a voltage up to 10 V on the A0 pin.
4:3
TRES
Temperature resolution.
10 — 0.125
°C LSB (11-bit)
2
WRNG
Wider range.
1 — can read temperatures below 0
°C and set sign bit accordingly
1
HACC
Higher accuracy (set during manufacture).
1 — B grade accuracy
0
BCAP
Basic capability.
1 — has Alarm and Critical Trips interrupt capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com