Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 113 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 113 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 109Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 110Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 111Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 112Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 113Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 114Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 115Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 116Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 268 page
background image
6.11 DDR2/mDDR Controller
6.11.1 DDR2/mDDR Memory Controller Electrical Data/Timing
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
The DDR2/mDDR Memory Controller is a dedicated interface to DDR2/mDDR SDRAM. It supports
JESD79D-2A standard compliant DDR2 SDRAM devices and compliant Mobile DDR SDRAM devices.
The DDR2/mDDR Memory Controller support the following features:
• JESD79D-2A standard compliant DDR2 SDRAM
• Mobile DDR SDRAM
• 512 MByte memory space for DDR2
• 256 MByte memory space for mDDR
• CAS latencies:
–
DDR2: 2, 3, 4 and 5
–
mDDR: 2 and 3
• Internal banks:
–
DDR2: 1, 2, 4 and 8
–
mDDR:1, 2 and 4
• Burst length: 8
• Burst type: sequential
• 1 chip select (CS) signal
• Page sizes: 256, 512, 1024 and 2048
• SDRAM autoinitialization
• Self-refresh mode
• Partial array self-refresh (for mDDR)
• Power down mode
• Prioritized refresh
• Programmable refresh rate and backlog counter
• Programmable timing parameters
• Little endian
Table 6-24. Switching Characteristics Over Recommended Operating Conditions for DDR2/mDDR
Memory Controller
No.
PARAMETER
1.2V
1.1V
1.0V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
DDR2
125
150
125
150
—(1)
—(1)
MHz
1
tc(DDR_CLK)
Cycle time, DDR_CLKP / DDR_CLKN
mDDR
100
133
100
133
100
133
(1)
DDR2 is not supported at this voltage operating point.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com