Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 14Page - NXP Semiconductors LPC3240 Datasheet HTML 15Page - NXP Semiconductors LPC3240 Datasheet HTML 16Page - NXP Semiconductors LPC3240 Datasheet HTML 17Page - NXP Semiconductors LPC3240 Datasheet HTML 18Page - NXP Semiconductors LPC3240 Datasheet HTML 19Page - NXP Semiconductors LPC3240 Datasheet HTML 20Page - NXP Semiconductors LPC3240 Datasheet HTML 21Page - NXP Semiconductors LPC3240 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
18 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
U3_TX
J17
VDD_IOD
O
UART 3 transmit
U5_RX/
GPI_20
F18
VDD_IOD
I/O
UART 5 receive
I
General purpose input bit 20
U5_TX
H15
VDD_IOD
O
UART 5 transmit
U6_IRRX/
GPI_21
F17
VDD_IOD
I/O
UART 6 receive (with IrDA)
I
General purpose input bit 21
U6_IRTX
G16
VDD_IOD
O
UART 6 transmit (with IrDA)
U7_HCTS/
CAP0[1]/
LCDCLKIN/
GPI_22
G13
VDD_IOD
I
HS UART 7 CTS in
I
Timer 0 capture input 1
I
LCD panel clock in
I
General purpose input bit 22
U7_RX/
CAP0[0]/
LCDVD[10]/
GPI_23
E17
VDD_IOD
I/O
HS UART 7 receive
I/O
Timer 0 capture input 0
I/O
LCD data bit 10
I/O
General purpose input bit 23
U7_TX/
MAT1[1]/
LCDVD[11]
E18
VDD_IOD
O
HS UART 7 transmit
O
Timer 1 match output 1
O
LCD data bit 11
USB_ATX_INT
C4
VDD_IOC
I
Interrupt from USB ATX
USB_DAT_VP/
U5_RX
D5
VDD_IOC
I/O: P
USB transmit data, D+ receive
I/O: P
UART 5 receive
USB_I2C_SCL
E5
VDD_IOC
I/O T
I2C clock for USB ATX interface
USB_I2C_SDA
E6
VDD_IOC
I/O T
I2C data for USB ATX interface
USB_OE_TP
D6
VDD_IOC
I/O
USB transmit enable for DAT/SE0
USB_SE0_VM/
U5_TX
C5
VDD_IOC
I/O: P
USB single ended zero transmit, D
− Receive
I/O: P
UART 5 transmit
VDD_AD
N12,
N13
VDD_AD
power
3.3 V supply for ADC/touch screen
VDD_CORE
G7,
G9,
G11,
J7,
J12,
M7,
M11
VDD_CORE
power
1.2 V (or 0.9 V) supply for core
VDD_COREFXD
L12,
M13
VDD_COREFXD
power
Fixed 1.2 V supply for core
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com