Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 31Page - NXP Semiconductors LPC3240 Datasheet HTML 32Page - NXP Semiconductors LPC3240 Datasheet HTML 33Page - NXP Semiconductors LPC3240 Datasheet HTML 34Page - NXP Semiconductors LPC3240 Datasheet HTML 35Page - NXP Semiconductors LPC3240 Datasheet HTML 36Page - NXP Semiconductors LPC3240 Datasheet HTML 37Page - NXP Semiconductors LPC3240 Datasheet HTML 38Page - NXP Semiconductors LPC3240 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
35 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
Only a single master and a single slave can communicate on the interface during a given
data transfer. During a data transfer the master always sends a byte of data to the slave,
and the slave always sends a byte of data to the master. The SPI implementation on the
LPC3220/30/40/50 does not support operation as a slave.
7.8.2.1
Features
• Supports slaves compatible with SPI modes 0 to 3.
• Half duplex synchronous transfers.
• DMA support for data transmit and receive.
• 1-bit to 16-bit word length.
• Choice of LSB or MSB first data transmission.
• 64
× 16-bit input or output FIFO.
• Bit rates up to 52 Mbit/s.
• Busy input function.
• DMA time out interrupt to allow detection of end of reception when using DMA.
• Timed interrupt to facilitate emptying the FIFO at the end of a transmission.
• SPI clock and data pins may be used as general purpose pins if the SPI is not used.
• Slave selects can be supported using GPO or GPIO pins
7.8.3 SSP serial I/O controller
The LPC3220/30/40/50 contains two SSP controllers. The SSP controller is capable of
operation on a SPI, 4-wire SSI, or Microwire bus. It can interact with multiple masters and
slaves on the bus. Only a single master and a single slave can communicate on the bus
during a given data transfer. The SSP supports full duplex transfers, with frames of 4 bits
to 16 bits of data flowing from the master to the slave and from the slave to the master. In
practice, often only one of these data flows carries meaningful data.
7.8.3.1
Features
• Compatible with Motorola SPI, 4-wire TI SSI, and National Semiconductor Microwire
buses
• Synchronous serial communication
• Master or slave operation
• 8-frame FIFOs for both transmit and receive
• 4-bit to 16-bit frame
• Maximum SPI bus data bit rate of 1
⁄
2 (Master mode) and
1
⁄
12 (Slave mode) of the input
clock rate
• DMA transfers supported by GPDMA
7.8.4 I2C-bus serial I/O controller
There are two I2C-bus interfaces in the LPC32x0 family of controllers. These I2C blocks
can be configured as a master, multi-master or slave supporting up to 400 kHz. The I2C
blocks also support 7 or 10 bit addressing. Each has a four word FIFO for both transmit
and receive. An interrupt signal is available from each block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com