Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 49Page - NXP Semiconductors LPC3240 Datasheet HTML 50Page - NXP Semiconductors LPC3240 Datasheet HTML 51Page - NXP Semiconductors LPC3240 Datasheet HTML 52Page - NXP Semiconductors LPC3240 Datasheet HTML 53Page - NXP Semiconductors LPC3240 Datasheet HTML 54Page - NXP Semiconductors LPC3240 Datasheet HTML 55Page - NXP Semiconductors LPC3240 Datasheet HTML 56Page - NXP Semiconductors LPC3240 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
53 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11.3 SDR SDRAM Controller
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical values valid for EMC pads set to high slew rate: VDD_EMC = 1.8 V, VDD_CORE = 1.2 V or low slew rate: VDD_EMC = 3.3 V,
VDD_CORE = 1.2 V.
[3]
All min or max values valid for EMC pads set to high slew rate: VDD_EMC = 1.8 V, VDD_CORE = 1.2 V or low slew rate: VDD_EMC =
3.3 V, VDD_CORE = 1.2 V.
[4]
foper = 1/tCK.
[5]
Applies to signals: EMC_DQM[3:0], EMC_DYCSm, EMC_RAS, EMC_CAS, EMC_WR, EMC_CKEm.
[6]
CMD_DLY = COMMAND_DELAY bitfield in SDRAMCLK_CTRL[18:14] register, see
External memory controller (EMC) chapter in
LPC32x0 User manual.
11.4 DDR SDRAM controller
Table 11.
EMC SDR SDRAM memory interface dynamic characteristics
Tamb = −40 °C to +85 °C, unless otherwise specified.[1][3]
Symbol
Parameter
Min
Typical[2]
Max
Unit
foper
operating frequency
[4]
104
133
MHz
tCK
clock cycle time
-
9.6
-
ns
tCL
CK LOW-level width
-
4.8
-
ns
tCH
CK HIGH-level width
-
4.8
-
ns
td(V)ctrl
control valid delay time
[5][6] -
(CMD_DLY
× 0.25) + 2.7
ns
th(ctrl)
control hold time
[5][6]
(CMD_DLY
× 0.25) + 1.2
-
ns
td(AV)
address valid delay time
[6] -
(CMD_DLY
× 0.25) + 3.2
ns
th(A)
address hold time
[6]
(CMD_DLY
× 0.25) + 1.2
-
ns
td(QV)
data output valid delay time
[6] -
(CMD_DLY
× 0.25) + 3.5
ns
th(Q)
data output hold time
[6]
(CMD_DLY
× 0.25) + 1.2
-
ns
tsu(D)
data input set-up time
-
0.6
-
ns
th(D)
data input hold time
-
0.9
-
ns
tQZ
data output high-impedance time
-
-
< tCK
ns
Fig 7.
SDR SDRAM signal timing
002aae420
EMC_CLK
output signal (O)
input signal (I)
td(V)ctrl, td(AV), td(QV)
th(ctrl), th(Q), th(A)
th(D)
tsu(D)
tCK
tCL
tCH
tQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com