Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 39Page - NXP Semiconductors LPC3240 Datasheet HTML 40Page - NXP Semiconductors LPC3240 Datasheet HTML 41Page - NXP Semiconductors LPC3240 Datasheet HTML 42Page - NXP Semiconductors LPC3240 Datasheet HTML 43Page - NXP Semiconductors LPC3240 Datasheet HTML 44Page - NXP Semiconductors LPC3240 Datasheet HTML 45Page - NXP Semiconductors LPC3240 Datasheet HTML 46Page - NXP Semiconductors LPC3240 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
43 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
10. Static characteristics
Table 7.
Static characteristics
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(1V2)
supply voltage (1.2 V)
core supply voltage for
full performance;
up to 266 MHz range
[2] 1.31
1.35
1.39
V
core supply voltage for
normal performance;
up to 208 MHz range
[2] 1.1
1.2
1.39
V
core supply voltage for
reduced power;
up to 14 MHz CPU
[2] 0.9
-
1.39
V
RTC supply voltage
[3] 0.9
-
1.39
V
PLL and oscillator supply
voltage
[4] 1.1
1.2
1.39
V
VDD(EMC)
external memory
controller supply voltage
in 1.8 V range
1.7
1.8
1.95
V
in 2.5 V range
[6] 2.3
2.5
2.7
V
in 3.3 V range
[5][6] 2.7
3.3
3.6
V
VDD(IO)
input/output supply
voltage
in 1.8 V range
[7] 1.7
1.8
1.95
V
in 3.3 V range
2.7
3.3
3.6
V
VDDA(3V3) analog supply voltage
(3.3 V)
applies to pins in VDD_AD
power domain
2.7
3.3
3.6
V
Run, direct Run, and Stop modes
IDD(run)
Run mode supply
current
VDD_CORE = 1.2 V;
Tamb =25 °C; I-cache
enabled; CPU
clock = 208 MHz; all
peripherals enabled
-80
-
mA
IDD(drun)
direct Run mode supply
current
VDD_CORE = 0.9 V;
Tamb =25 °C; CPU
clock = 13 MHz
-7
-
mA
IDD(stop)
Stop mode supply
current
VDD_CORE = 0.9 V;
Tamb =25 °C; CPU
clock = stopped internally
-
-
500
µA
IDD(RTC)
RTC supply current
VDD_RTC =
VDD_RTCCORE =
VDD_RTCOSC = 1.2 V;
Tamb =25 °C;
-4
-
µA
Input pins and I/O pins configured as input
VI
input voltage
[8][10] 0-
VDD(IO)
V
VIH
HIGH-level
input voltage
1.8 V inputs
0.7
× VDD(IO)
--
V
3.3 V inputs
0.7
× VDD(IO)
--
V
VIL
LOW-level
input voltage
1.8 V inputs
-
-
0.3
× V
DD(IO)
V
3.3 V inputs
-
-
0.3
× VDD(IO)
V
Vhys
hysteresis voltage
1.8 V inputs
0.1
× V
DD(IO)
V
3.3 V inputs
0.1
× VDD(IO)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com