Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 36Page - NXP Semiconductors LPC3240 Datasheet HTML 37Page - NXP Semiconductors LPC3240 Datasheet HTML 38Page - NXP Semiconductors LPC3240 Datasheet HTML 39Page - NXP Semiconductors LPC3240 Datasheet HTML 40Page - NXP Semiconductors LPC3240 Datasheet HTML 41Page - NXP Semiconductors LPC3240 Datasheet HTML 42Page - NXP Semiconductors LPC3240 Datasheet HTML 43Page - NXP Semiconductors LPC3240 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
40 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
– set LOW on match
– set HIGH on match
– toggle on match
– do nothing on match
7.9.6 High-speed timer
The high-speed timer block is clocked by the main peripheral clock. The clock is first
divided down in a 16-bit programmable pre-scale counter which clocks a 32-bit
timer/counter.
The high-speed timer includes three match registers that are compared to the
timer/counter value. A match can generate an interrupt and cause the timer/counter to
either continue to run, stop, or be reset. The high-speed timer also includes two capture
registers that can take a snapshot of the timer/counter value when an input signal
transitions. A capture event may also generate an interrupt.
7.9.6.1
Features
• 32-bit timer/counter with programmable 16-bit pre-scaler.
• Counter or timer operation.
• Two 32-bit capture registers.
• Three 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Pause control to stop counting when core is in debug state.
7.9.7 Pulse Width Modulators (PWMs)
The LPC3220/30/40/50 provides two simple PWMs. They are clocked separately by either
the main peripheral clock or the 32 kHz RTC clock. Both PWMs have a duty cycle
programmable in 255 steps.
7.9.7.1
Features
• Clocked by the main peripheral clock or the 32 kHz RTC clock.
• Programmable 4-bit pre-scaler.
• Duty cycle programmable in 255 steps.
• Output frequency up to 50 kHz when using a 13 MHz peripheral clock.
7.9.8 Motor control pulse width modulator
The Motor Control PWM (MCPWM) provides a set of features for three-phase AC and DC
motor control applications in a single peripheral. The MCPWM can also be configured for
use in other generalized timing, counting, capture, and compare applications.
7.9.8.1
Features
• 32-bit timer
• 32-bit period register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com