Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 33Page - NXP Semiconductors LPC3240 Datasheet HTML 34Page - NXP Semiconductors LPC3240 Datasheet HTML 35Page - NXP Semiconductors LPC3240 Datasheet HTML 36Page - NXP Semiconductors LPC3240 Datasheet HTML 37Page - NXP Semiconductors LPC3240 Datasheet HTML 38Page - NXP Semiconductors LPC3240 Datasheet HTML 39Page - NXP Semiconductors LPC3240 Datasheet HTML 40Page - NXP Semiconductors LPC3240 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
37 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
7.9 Other peripherals
In addition to the communication peripherals there are many general purpose peripherals
available in the LPC3220/30/40/50. Here is a list of the general purpose peripherals.
• GPI/O
• Keyboard scanner
• Touch screen controller and 10-bit Analog-to-Digital-Converter
• Real-time clock
• High-speed timer
• Four general purpose 32-bit timer/external event counters
• Two simple PWMs
• One motor control PWM
A short functional description of each of these peripherals is provided in the following
sections.
7.9.1 General purpose parallel I/O
Some device pins that are not dedicated to a specific peripheral function have been
designed to be general purpose inputs, outputs, or input/outputs. Also, some pins may be
configured either as a specific peripheral function or a general purpose input, output, or
input/output. A total of 51 pins can potentially be used as general purpose input/outputs,
24 as general purpose outputs, and 22 as general purpose inputs.
GPIO pins may be dynamically configured as inputs or outputs. Separate registers allow
setting or clearing any number of GPIO and GPO outputs controlled by that register
simultaneously. The value of the output register for standard GPIOs and GPO pins may be
read back, as well as the current actual state of the port pins.
In addition to GPIO pins on port 0, port 1, and port 2, there are 22 GPI, 24 GPO, and
six GPIO pins. When the SDRAM bus is configured for 16 data bits, 13 of the remaining
SDRAM data pins may be used as GPIOs.
7.9.1.1
Features
• Bit-level set and clear registers allow a single instruction set or clear of any number of
bits in one port.
• A single register selects direction for pins that support both input and output modes.
• Direction control of individual bits.
• For input/output pins, both the programmed output state and the actual pin state can
be read.
• There are a total of 12 general purpose inputs, 24 general purpose outputs, and six
general purpose input/outputs.
• Additionally, 13 SDRAM data lines may be used as GPIOs if a 16-bit SDRAM
interface is used (rather than a 32-bit interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com