Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 3Page - Linear Technology LTC3589 Datasheet HTML 4Page - Linear Technology LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC3589
7
3589p
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tHD_DAT(I)
Data Hold Time Input
0
ns
tSU_DAT
Data Setup Time
100
ns
tLOW
SCL Clock Low Period
1.3
μs
tHIGH
SCL Clock High Period
0.6
μs
tf
Clock/Data Fall Time
CB = Capacitance of One BUS Line (pF)
20 + 0.1CB
300
ns
tr
Clock/Data Rise Time
CB = Capacitance of One BUS Line (pF)
20 + 0.1CB
300
ns
tSP
Input Spike Supression Pulse Width
50
ns
Pushbutton Interface
VON_TH
ON Threshold Rising
ON Threshold Falling
l
l
0.4
0.8
0.7
1.2
V
V
ION
ON Input Current
ON = VIN
ON = 0V
–1
40
1μA
μA
tON_PBSTAT1
ON Low Time to PBSTAT Low
50
ms
tON_PBSTAT2
ON High Time to PBSTAT High
0.2
μs
tON_WAKE
ON Low Time to WAKE High
400
ms
tON_HR
ON Low time to Hard Reset
5s
tPBSTAT_PW
PBSTAT Minimum Pulse Width
50
ms
tPBSTAT_BK
PBSTAT Blanking from WAKE Low
1
s
tWAKE_OFF
Minimum WAKE Low Time
1s
tWAKE_ON
WAKE High Time with PWR_ON = 0V
5
s
tPWR_ON
PWR_ON High to WAKE High
50
ms
tPWR_OFF
PWR_ON Low WAKE Low
50
ms
Status Output Pins (PBSTAT, WAKE, PGOOD, RSTO, IRQ)
VPBSTAT
PBSTAT Output Low Voltage
IPBSTAT = 3mA
0.1
0.4
V
IPBSTAT
PBSTAT Output High Leakage Current
VPBSTAT = 3.8V
–0.1
0.1
μA
VWAKE
WAKE Output Low Voltage
IWAKE = 3mA
0.1
0.4
V
IWAKE
WAKE Output High Leakage Current
VWAKE = 3.8V
–0.1
0.1
μA
VPGOOD
PGOOD Output Low Voltage
IPGOOD = 3mA
0.1
0.4
V
IPGOOD
PGOOD Output High Leakage Current
VPGOOD = 3.8V
–0.1
0.1
μA
VPGOOD
PGOOD Threshold Rising
PGOOD Threshold Falling
–6
–8
%
%
VNRSTO
LDO1 Power Good Threshold Rising
LDO1 Power Good Threshold Falling
–6
–8
%
%
VUVLO
Undervoltage Lockout Rising
Undervoltage Lockout Falling
2.65
2.55
2.7
V
V
VUVWARN
Undervoltage Warning Rising
Undervoltage Warning Falling
3
2.9
VRSTO
RSTO Output Low Voltage
IRSTO = 3mA
0.4
V
IRSTO
RSTO Output High Leakage Current
VRSTO = 3.8V
–0.1
0.1
μA
VIRQ
IRQ Output Low Voltage
IIRQ = 3mA
0.4
V
IIRQ
IRQ Output High Leakage Current
VIRQ = 3.8V
–0.1
0.1
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = PVIN1 = PVIN2 = PVIN3 = PVIN4 = VIN_LDO2 = VIN_LDO34
= DVDD = 3.8V. All regulators disabled unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com