Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology LTC3589 Datasheet HTML 36Page - Linear Technology LTC3589 Datasheet HTML 37Page - Linear Technology LTC3589 Datasheet HTML 38Page - Linear Technology LTC3589 Datasheet HTML 39Page - Linear Technology LTC3589 Datasheet HTML 40Page - Linear Technology LTC3589 Datasheet HTML 41Page - Linear Technology LTC3589 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
LTC3589
38
3589p
THERMAL CONSIDERATIONS AND BOARD LAYOUT
Printed Circuit Board Power Dissipation
In order to ensure optimal performance and the ability
to deliver maximum output power to any regulator, it is
critical that the exposed ground pad on the backside of
the LTC3589 package be soldered to a ground plane on
the board. The exposed pad is the only GND connection
for the LTC3589. Correctly soldered to a 2500mm2 ground
plane on a double sided 1oz copper board the LTC3589
has a thermal resistance (θJA) of approximately 34°C/W.
Failure to make good thermal contact between the exposed
pad on the backside of the package and an adequately
sized ground plane will result in thermal resistances far
greater than 34°C/W.
Table 17. LTC3589 Read Only Status Register Table
REG
NAME
B[7]
B[6]
B[5]
B[4]
B[3]
B[2]
B[1]
B[0]
0x02
IRQSTAT Thermal
Limit Hard
Shut Down
Occurred
Near Thermal
Limit
Undervoltage
Hard Shut
Down
Occurred
Near
Undervoltage
Limit
PGOOD
Timeout Hard
Shutdown
Occurred
Unused
Unused
Unused
0x13
PGSTAT
LDO4 Status:
0 = VOUT Low
1 = VOUT
Good
LDO3 Status:
0 = VOUT Low
1 = VOUT
Good
LDO2 Status:
0 = VOUT Low
1 = VOUT Good
Buck_Boost
Status:
0 = VOUT Low
1 = VOUT Good
Step-Down
Switching
Regulator 3
Status:
0 = VOUT Low
1 = VOUT
Good
Step-Down
Switching
Regulator 2
Status:
0 = VOUT Low
1 = VOUT Good
Step-Down
Switching
Regulator 1
Status:
0 = VOUT Low
1 = VOUT Good
LDO1 Status:
0 = VOUT Low
1 = VOUT Good
OPERATION
To ensure the junction temperature of the LTC3589 die
does not exceed the maximum rated limit and to prevent
over temperature faults, the power output of the LTC3589
must be managed by the application. The total power dis-
sipation in the LTC3589 is approximated by summing the
power dissipation in each of the switching regulators and
the LDO regulators.
The power dissipation in a switching regulator is estimated
by:
PD(SWX) =(VOUTX •IOUTX)•
100 – Eff
100
Where VOUTX is the programmed output voltage, IOUTX
is the load current and Eff is the % efficiency that can
Table 16. LTC3589 Command Register Table
0x32 L2DTV1 Keep-Alive
Mode:
0 = Normal
Shutdown
1 = Keep-Alive
Unused
PGOOD
Mask:
0 = PGOOD
Low When
Slewing
1 = PGOOD
Not Changed
When
Slewing.
LDO 2 Feedback Reference Input (V1)
0001 1001
0x33 L2DTV2 LDO4 Control
MODE:
0 = LDO4
Enable with
EN_LDO34
1 = LDO4
Enable with
OVEN[6]
LDO4 Output Voltage:
00 = 2.8V
01 = 2.5V
10 = 1.8V
11 = 3.3V
LDO 2 Feedback Reference Input (V2)
0001 1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com