Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 3 Page - Linear Technology

  LTC3589 Datasheet HTML 1Page - Linear Technology LTC3589 Datasheet HTML 2Page - Linear Technology LTC3589 Datasheet HTML 3Page - Linear Technology LTC3589 Datasheet HTML 4Page - Linear Technology LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC3589
3
3589p
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 3)
ORDER INFORMATION
SW1, SW2, SW3, SW4AB, SW4CD (Transients < 1ms,
Duty Cycle < 1%) ......................................... –0.3V to 7V
PVIN1, PVIN2, PVIN3, PVIN4............... –0.3V to VIN + 0.3V
VIN_LDO2, VIN_LDO34..........................–0.3V to VIN + 0.3V
VIN, DVDD..................................................... –0.3V to 6V
LDO1_STBY,LDO1_FB,BUCK1_FB,BUCK2_FB,BUCK3_FB,
BB_FB, BB_OUT, LDO2, LDO2_FB,LDO3, LDO4, PGOOD,
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
VIN_LDO2
LDO2
LDO3
LDO4
VIN_LD34
PVIN1
SW1
RSTO
EN_LDO2
EN1
SCL
PGOOD
VSTB
PVIN3
SW3
SW2
PVIN2
WAKE
PBSTAT
ON
21
30
10
1
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3589EUJ#PBF
LTC3589EUJ#TRPBF
3589
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589IUJ#PBF
LTC3589IUJ#TRPBF
3589
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3589HUJ#PBF
LTC3589HUJ#TRPBF
3589
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VSTB, EN1, EN2, EN3, EN4, EN_LDO2, EN_LDO34, ON,
PBSTAT, WAKE, RSTO, PWR_ON, IRQ, ....... –0.3V to 6V
SDA, SCL .....................................–0.3V to DVDD to 0.3V
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com