Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology LTC3589 Datasheet HTML 21Page - Linear Technology LTC3589 Datasheet HTML 22Page - Linear Technology LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
LTC3589
20
3589p
Soft-Start
Soft-start is accomplished by gradually increasing the
input reference voltage on each step-down switching
regulator from 0V to the dynamic reference DAC output
level at a rate of 2mV/μs. This allows each output to rise
slowly, helping minimize inrush current required to charge
up the regulator output capacitor. A soft-start cycle oc-
curs whenever a regulator is enabled either initially or
while powering up following a fault condition. A soft-start
cycle is not triggered by a change of operating modes or
a dynamic voltage slew. During soft-start the converter is
forced to pulse-skipping mode regardless of the settings
in the SCR1 command register.
Switching EMI Control
The step-down switching regulators contain new patent
pending circuitry to limit the edge rate of the switch nodes
SW1, SW2, and SW3. This new circuitry controls the transi-
tion of the switch node over a period of a few nanoseconds,
significantly reducing radiated EMI and conducted supply
noise while maintaining high efficiency. Since slowing
the slew rate of the switch nodes causes efficiency loss,
the slew rate of the step-down switching regulators is
adjustable using the I2C command register B1DTV1 bits
6 and 7. Optimize efficiency or EMI as necessary with four
different slew rate settings. The power-on default is the
fastest slew rate, highest efficiency setting.
OPERATION
Table 6. Step-Down Switching Regulator 3 Command Register
Settings
COMMAND
REGISTER[BIT]
VALUE
SETTING
SCR1[5-4]
00*
01
10
Pulse-Skipping Mode
Burst Mode Operation
Forced Continuous Mode
OVEN[2]
0*
1
Disable
Enable
SCR2[2]
0*
1
Wait for Output Below 300mV Before Enable
Enable Immediately
VCCR[5]
0*
1
Select Register B3DTV1 (V1) Reference
Select Register B3DTV2 (V2) Reference
VCCR[4]
1
Initiate Dynamic Voltage Slew
VRRCR[5-4]
00*
01
10
11
Reference Slew Rate = 0.88mV/μs
Reference Slew Rate = 1.75mV/μs
Reference Slew Rate = 3.5mV/μs
Reference Slew Rate = 7mV/μs
B3DTV1[5]
0*
1
Force PGOOD Low When Slewing
Normal PGOOD Operation When Slewing
B3DTV1[4-0]
11001*
DAC Dynamic Target Voltage V1
B3DTV2[4-0]
11001*
DAC Dynamic Target Voltage V2
B3DTV3[5]
0
1
2.25MHz Switching Frequency
1.125MHz Switching Frequency
B3DTV2[6]
0*
1
Switch on Clock Phase 1
Switch on Clock Phase 2
B3DTV2[7]
0*
1
Shutdown Regulator 3 Normally
Keep Regulator 3 Alive
* Denotes Default Power-On Value
Table 5. Step-Down Switching Regulator 2 Command Register
Settings
COMMAND
REGISTER[BIT]
VALUE
SETTING
SCR1[3-2]
00*
01
10
Pulse-Skipping Mode
Burst Mode Operation
Forced Continuous Mode
OVEN[1]
0*
1
Disable
Enable
SCR2[1]
0*
1
Wait for Output Below 300mV Before Enable
Enable immediately
VCCR[3]
0*
1
Select Register B2DTV1 (V1) Reference
Select Register B2DTV2 (V2) Reference
VCCR[2]
1
Initiate Dynamic Voltage Slew
VRRCR[3-2]
00*
01
10
11
Reference Slew Rate = 0.88mV/μs
Reference Slew Rate = 1.75mV/μs
Reference Slew Rate = 3.5mV/μs
Reference Slew Rate = 7mV/μs
B2DTV1[5]
0*
1
Force PGOOD Low When Slewing
Normal PGOOD Operation When Slewing
B2DTV1[4-0]
11001*
DAC Dynamic Target Voltage V1
B2DTV2[4-0]
11001*
DAC Dynamic Target Voltage V2
B2DTV2[5]
0
1
2.25MHz Switching Frequency
1.125MHz Switching Frequency
B2DTV2[6]
0*
1
Switch on Clock Phase 1
Switch on Clock Phase 2
B2DTV2[7]
0*
1
Shutdown Regulator 2 Normally
Keep Regulator 2 Alive
* Denotes Default Power-On Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com