Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 26Page - Linear Technology LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC3589
30
3589p
Figure 13. Initial Power-Up and LDO1 Undervoltage RSTO Timing
LDO1
RSTO
3589 F13
VIN 2.7V
1 SEC
>25μs
INITIAL POWER-UP
LDO1 UNDERVOLTAGE
14ms
Software Control Mode
Once a power-up sequence is completed each regulator
may be enabled and disabled individually by the system
as needed for power mode requirements. Setting the out-
put voltage enable command register bit OVEN[7] HIGH
disconnects each regulator from its enable pin so control
is solely through the OVEN command register. To enter
software control mode, set command bit OVEN[7] HIGH
and the desired enable bits in OVEN[6:0] HIGH. Any of the
regulators enabled in OVEN[6:0] will stay on regardless
of the state of their enable pins when OVEN[7] is HIGH.
Setting the regulator enable bits and the software control
bit in OVEN[7] may occur on the same I2C start-stop
sequence. A normal shutdown using PWR_ON, OVEN
register to 0x00 to ensure all regulators are shut off.
FAULT DETECTION, SHUTDOWN, AND REPORTING
The LTC3589 monitors VIN,outputrailvoltagesandinternal
die temperature. A warning condition is indicated when
VIN is less than 2.9V and when internal die temperature
approaches the thermal shutdown temperature. A fault
condition occurs when VIN is less than 2.6V, any regulator
output is 8% low for 14ms, or the internal die temperature
is HIGH. Warning and fault states are reported via the IRQ,
PGOOD, and RTSO pins. Specific fault states are read via the
I2C serial port status registers IRQSTAT and PGSTAT.
RSTO Pin Function
The RSTO (reset output) pin is an open drain output for
use as a power-on reset signal. It is pulled LOW at initial
power until LDO1 is within 8% of its target and the initial
one second start-up timer is finished. RSTO remains HIGH
during normal operation and will be pulled low if LDO1
loses regulation for more than 25μs or a pushbutton hard
reset is initiated.
Figure 13 shows a initial power up for the RSTO pin. If
VIN is not above its under voltage thresholds at the end
of the 1 second start up time, the IRQ pin will be pulled
LOW and an under voltage bit will be set in the IRQSTAT
status register.
OPERATION
PGOOD Pin and PGSTAT Status Register Function
Each LTC3589 regulator has an internal power good out-
put that is active whenever the regulators feedback pin is
closer than –8% (typical) from its input reference voltage.
If any of the internal power good signals indicate a low
voltage for longer than 25μs (typical), the PGOOD pin is
pulled LOW and the appropriate bit in the PGSTAT status
register (Table 14) is set.
Table 14. PGSTAT Read Only Register Bit Definitions
PGSTAT[BIT] VALUE
SETTING
00
1
LDO1_STBY Output Low
LDO1_STBY Output Good
10
1
Step-Down Switching Regulator 1 Output Low
Step-Down Switching Regulator 1 Output Good
20
1
Step-Down Switching Regulator 2 Output Low
Step-Down Switching Regulator 2 Output Good
30
1
Step-Down Switching Regulator 3 Output Low
Step-Down Switching Regulator 3 Output Good
40
1
Buck-Boost Regulator 4 Output Low
Buck-Boost Regulator 4 Output Good
50
1
LDO2 Output Low
LDO2 Output Good
60
1
LDO3 Output Low
LDO3 Output Good
70
1
LDO4 Output Low
LDO4 Output Good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com