Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 27Page - Linear Technology LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
LTC3589
31
3589p
If any enabled regulator output falls more than 8% low for
longer than 25μs PGOOD is pulled LOW and a status bit is
set in the PGSTAT register. The PGOOD pin and PGSTAT
status bit remain LOW for as long as the low voltage
condition persists plus 250μs.
An extended low output rail causing the PGOOD pin to
be LOW for longer than 14ms defines a PGOOD timeout
fault condition that triggers a hard reset if not masked in
I2C register bit SCR2[7].
During a dynamic voltage slew, PGOOD is pulled LOW
unless bit 5 in the dynamic target voltage register for each
regulator is set HIGH. When SCR2[7] is HIGH, PGOOD
remains in normal operation. The status register PGSTAT
is unaffected by a dynamic voltage slew.
Undervoltage Detection
The LTC3589 under voltage (UV) detection circuit will
output a fault condition, locking out regulator operation,
until VIN reaches 2.7V (typical). Once VIN is above the
fault threshold the LTC3589 will operate normally until VIN
drops to 2.6V (typical). When VIN drops below 2.6V, the
OPERATION
Figure 14 shows the PGOOD pin and PGSTAT status reg-
ister timing. When no regulator is enabled, the PGOOD
pin is pulled LOW and PGSTAT bits are LOW. PGOOD and
the PGSTAT bits are HIGH 250μs after the last enabled
regulator is within 7% of its target.
Figure 14. PGOOD Pin and PGSTAT Status Register Timing
VOUTx
PGOOD
IRQ
3589 F14
ENx
200μs
25μs
25μs
1sec
14ms
250μs
250μs
ENABLE
DISABLE
UNDERVOLTAGE
DISABLED IF
WAKE LOW
WAKE HIGH AFTER 1sec
IF PWR_ON HIGH
EXTENDED
UNDERVOLTAGE
(FAULT)
WAKE
250μs
fault condition initiates a hard shutdown reset. Figure 15
shows undervoltage warning and fault detection levels.
Figure 15. UV Detection Hard Reset and Warning Levels
VIN
UNDERVOLTAGE
VIN
FAULT
WARNING
3589 F15
2.55V
2.65V
2.9V
3V
An undervoltage warning sets register bit IRQSTAT[4] and
pulls the IRQ pin LOW.
To minimize standby quiescent current the UVLO and
thermal sensor circuits are disabled when all the regula-
tors are off.
Thermal Shutdown Fault and Warning
Similar to the VIN undervoltage detection circuits the over
temperature detection circuits check for warning and fault
levels. An over temperature fault will initiate a fault induced
shutdown. An over temperature warning sets register bit
IRQSTAT[6] and pulls the IRQ pin LOW.
IRQ Pin and IRQSTAT Status Register Function
The IRQ pin and IRQSTAT status register report PGOOD
timeout fault, VIN undervoltage warning and fault, and
high temperature warning and fault. Table 15 shows the
meaning of the IRQSTAT read only status register bits.
Table 15. IRQSTAT Read Only Register Bit Definitions
IRQSTAT[BIT]
VALUE
SETTING
31
PGOOD Timeout Fault (PGOOD low >
14ms)
41
VIN Under Voltage Warning (VIN < 2.9V)
51
VIN Under Voltage Fault (VIN < 2.6V)
61
Thermal Limit Warning (TJ > 130°C)
71
Thermal Limit Fault (TJ > 150°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com