Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LTC3589
16
3589p
sequence tie the enable of the first regulator to be powered
up to the WAKE pin. Connect the first regulators output
to the enable pin of the second regulator, and so on. One
or more regulators may be started in any sequence. Each
enable pin has a 200μs (typical) delay between the pin and
the internal enable of the regulator. When the system con-
trollers are satisfied that power rails are up, the controller
must drive PWR_ON HIGH to keep WAKE active. Shutdown
sequencing is monitored by output voltage comparators
which require each output to discharge below 300mV before
re-enabling. A software control command register function
is available which sets the regulators to effectively ignore
their enable pins but respond to I2C register enables. This
function enables software-only control of any combination
of pin-strapped regulators and is useful for implementing
system power saving modes. Keep-alive mode exempts
selected regulators from turning off during normal shut-
down. In keep-alive mode, the LTC3589 powers down
normally and is ready for the next start-up sequence, but
selected regulators are kept on to power memory or other
function during system standby modes.
The LTC3589 will shut down all regulators and pull down
the WAKE pin under high temperature, VIN under voltage,
and extended low regulator output voltage conditions.
Status of a hard shutdown is reported by the IRQ status
pin and the IRQSTAT status register.
The I2C serial port on the LTC3589 contains 13 command
registers for controlling each of the regulators, one read
only register for monitoring each regulators power good
status, one read only register for reading the cause of
an IRQ event, and one clear IRQ command register. The
LTC3589 I2C supports random addressing of any register
and registers may be written in any order using multiple
START sequences.
ALWAYS-ON LDO
The LTC3589 includes a low quiescent current low dropout
regulator that remains powered whenever a valid supply
is present on VIN. The always-on LDO will remain active
until VIN drops below 2.0V (typical). This is below the
2.5V undervoltage threshold in effect for the rest of the
LTC3589 circuits. The always-on LDO is used to provide
power to a standby microcontroller, real time clock, or
other keep-alive circuits. The LDO is guaranteed to sup-
port a 25mA load. A 1μF low impedance ceramic bypass
capacitor from LDO1_STBY to GND is required for com-
pensation. A power good monitor pulls RSTO LOW for a
minimum of 14ms (typical) whenever LDO1_STBY is 8%
below its regulation target. An LDO1_STBY undervoltage
condition is reported in the PGOOD status register. The
output voltage of LDO1 is set with a resistor divider con-
nected from LDO1_STBY to the feedback pin LDO1_FB
as shown in Figure 1.
VLDO_STBY =0.8 • 1+
R1
R2
(V)
Typical values for R1 are in the range of 40k to 1M.
OPERATION
–
+
3589 F01
VIN
0.8V
LDO1_FB
LDO1_STBY
R1
1μF
R2
Figure 1. Always-On LDO Application Circuit
LDO1_STBY is protected from short circuits and over
loading.
250MA LDO REGULATORS
Three LDO regulators on the LTC3589 will each deliver up
to 250mA output. The LDO regulators are enabled by pin
input or I2C command register. Pin EN_LDO2 enables LDO2
and pin EN_LDO34 enables LDO3 and LDO4 together. An
I2C command register bit is available to decouple LDO4
from pin EN_LDO34 so that LDO4 is under command
register control only. All the regulators have current limit
protection circuits. When disabled, a 2k internal pull-down
resistor is connected to the regulators output. Depend-
ing on settings in I2C system control register 2 (SCR2),
a regulator’s output must discharge to less than 300mV
before it will respond to its enable. The output discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com